Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1222IPWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1222IPWT
Description  24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1222IPWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1222IPWT Datasheet HTML 4Page - Texas Instruments ADS1222IPWT Datasheet HTML 5Page - Texas Instruments ADS1222IPWT Datasheet HTML 6Page - Texas Instruments ADS1222IPWT Datasheet HTML 7Page - Texas Instruments ADS1222IPWT Datasheet HTML 8Page - Texas Instruments ADS1222IPWT Datasheet HTML 9Page - Texas Instruments ADS1222IPWT Datasheet HTML 10Page - Texas Instruments ADS1222IPWT Datasheet HTML 11Page - Texas Instruments ADS1222IPWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADS1222
SBAS314B − APRIL 2004 − REVISED JANUARY 2009
www.ti.com
8
OVERVIEW
The ADS1222 is an A/D converter comprised of a
delta-sigma modulator followed by a digital filter. A mux
allows for one of two input channels to be selected. A
buffer can also be selected to increase the input
impedance. The modulator measures the differential
input signal VIN = (AINP – AINN) against the differential
reference VREF = (VREFP – VREFN). Figure 13 shows
a conceptual diagram of the device. The differential
reference is scaled internally so that the full-scale input
range is
±2VREF. The digital filter receives the modulator
signal and provides a low-noise digital output. A 2-wire
serial interface indicates conversion completion and
provides the user with the output data.
ANALOG INPUTS (AINPx, AINNx)
The input signal to be measured is applied to the input
pins AINPx and AINNx. The positive internal input is
generalized as AINP, and the negative internal input is
generalized as AINN. The signal is selected though the
input mux, which is controlled by MUX, as shown in
Table 1. The ADS1222 accepts differential input
signals, but can also measure unipolar signals. When
measuring unipolar (or single-ended signals) with
respect to ground, connect the negative input (AINNx)
to ground and connect the input signal to the positive
input (AINPx). Note that when the ADS1222 is
configured this way, only half of the converter full-scale
range is used since only positive digital output codes
are produced. An input buffer can be selected to
increase the input impedance of the A/D converter with
the BUFEN pin.
Table 1. Input Channel Selection with MUX
DIGITAL PIN
SELECTED ANALOG INPUTS
MUX
POSITIVE INPUT
NEGATIVE INPUT
0
AINP1
AINN1
1
AINP2
AINN2
Mux
AINP
V
IN
AINN
Temp
Sensor
Digital
Filter
and
Serial
Interface
∆Σ
Modulator
VREFP
Σ
VREFN
Buffer
AINP1
AINN1
AINP2
AINN2
+
CLK
DRDY/DOUT
SCLK
TEMPEN
MUX
BUFEN
2
V
REF
2V
REF
Σ
Figure 13. Conceptual Diagram of the ADS1222


Similar Part No. - ADS1222IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1222IPWT BURR-BROWN-ADS1222IPWT Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1222IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com