Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1218Y250G4 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1218Y250G4
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1218Y250G4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1218Y250G4 Datasheet HTML 4Page - Texas Instruments ADS1218Y250G4 Datasheet HTML 5Page - Texas Instruments ADS1218Y250G4 Datasheet HTML 6Page - Texas Instruments ADS1218Y250G4 Datasheet HTML 7Page - Texas Instruments ADS1218Y250G4 Datasheet HTML 8Page - Texas Instruments ADS1218Y250G4 Datasheet HTML 9Page - Texas Instruments ADS1218Y250G4 Datasheet HTML 10Page - Texas Instruments ADS1218Y250G4 Datasheet HTML 11Page - Texas Instruments ADS1218Y250G4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
www.ti.com
PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
15
14
13
RESET
BUFEN
DGND
DGND
DGND
DGND
WREN
R
DAC
IDAC2
IDAC1
V
RCAP
AV
DD
37
38
39
40
41
42
43
44
45
46
47
48
D0
D1
D2
D3
D4
D5
D6
D7
AGND
V
REFOUT
V
REF+
V
REF
36
35
34
33
32
31
30
29
28
27
26
1
2
3
4
5
6
7
8
9
10
11
25
12
ADS1218
Top View
TQFP
ADS1218
SBAS187C – SEPTEMBER 2001 – REVISED SEPTEMBER 2005
PIN DESCRIPTIONS
PIN
PIN
NUMBER
NAME
DESCRIPTION
NUMBER
NAME
DESCRIPTION
1
AVDD
Analog Power Supply
24
RESET
Active Low, resets the entire chip.
2
AGND
Analog Ground
25
XIN
Clock Input
3
AIN0
Analog Input 0
26
XOUT
Clock Output, used with crystal or resonator.
4
AIN1
Analog Input 1
Active Low. Power Down. The power-down
27
PDWN
function shuts down the analog and digital
5
AIN2
Analog Input 2
circuits.
6
AIN3
Analog Input 3
28
POL
Serial Clock Polarity
7
AIN4
Analog Input 4
29
DSYNC
Active Low, Synchronization Control
8
AIN5
Analog Input 5
30
DGND
Digital Ground
9
AIN6
Analog Input 6
31
DVDD
Digital Power Supply
10
AIN7
Analog Input 7
32
DRDY
Active Low, Data Ready
11
AINCOM
Analog Input Common
33
CS
Active Low, Chip Select
12
AGND
Analog Ground
34
SCLK
Serial Clock, Schmitt Trigger
13
AVDD
Analog Power Supply
35
DIN
Serial Data Input, Schmitt Trigger
14
VRCAP
VREF Bypass CAP
36
DOUT
Serial Data Output
15
IDAC1
Current DAC1 Output
37–44
D0-D7
Digital I/O 0–7
16
IDAC2
Current DAC2 Output
45
AGND
Analog Ground
17
RDAC
Current DAC Resistor
46
VREFOUT Voltage Reference Output
18
WREN
Active High, Flash Write Enable
47
VREF+
Positive Differential Reference Input
19–22
DGND
Digital Ground
48
VREF–
Negative Differential Reference Input
23
BUFEN
Buffer Enable
8


Similar Part No. - ADS1218Y250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1218Y250G4 TI-ADS1218Y250G4 Datasheet
849Kb / 44P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
More results

Similar Description - ADS1218Y250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1218 TI1-ADS1218_16 Datasheet
1Mb / 45P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
ADS1218Y TI-ADS1218Y Datasheet
849Kb / 44P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Burr-Brown (TI)
ADS1218 BURR-BROWN-ADS1218 Datasheet
459Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com