Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1120IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1120IPW
Description  Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120IPW Datasheet(HTML) 3 Page - Texas Instruments

  ADS1120IPW Datasheet HTML 1Page - Texas Instruments ADS1120IPW Datasheet HTML 2Page - Texas Instruments ADS1120IPW Datasheet HTML 3Page - Texas Instruments ADS1120IPW Datasheet HTML 4Page - Texas Instruments ADS1120IPW Datasheet HTML 5Page - Texas Instruments ADS1120IPW Datasheet HTML 6Page - Texas Instruments ADS1120IPW Datasheet HTML 7Page - Texas Instruments ADS1120IPW Datasheet HTML 8Page - Texas Instruments ADS1120IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ADS1120
www.ti.com
SBAS535A – AUGUST 2013 – REVISED JANUARY 2014
Electrical Characteristics
Minimum and maximum specifications are at TA = –40°C to +125°C. Typical specifications are at TA = +25°C.
All specifications are at AVDD = 3.3 V, AVSS = 0 V, DVDD = 3.3 V, PGA enabled, DR = 20 SPS, and external VREF = 2.5 V,
unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage
VIN = (VAINP – VAINN)
±VREF / gain
(2)
V
range
PGA disabled, gain = 1 to 4
AVSS – 0.1
AVDD + 0.1
V
Absolute input voltage range
Gain = 1 to 128
See the Low-Noise PGA section
V
PGA disabled, gain = 1 to 4
AVSS – 0.1
AVDD + 0.1
V
Common-mode input voltage range
VCM
[VCM = (VAINP + VAINN) / 2]
Gain = 1 to 128
See the Low-Noise PGA section
Absolute input current
See the Typical Characteristics
Differential input current
See the Typical Characteristics
SYSTEM PERFORMANCE
Resolution (no missing codes)
16
Bits
Normal mode
20, 45, 90, 175, 330, 600, 1000
SPS
DR
Data rate
Duty-cycle mode
5, 11.25, 22.5, 44, 82.5, 150, 250
SPS
Turbo mode
40, 90, 180, 350, 660, 1200, 2000
SPS
Noise (input-referred)
See the Noise Performance section
Gain = 1 to 128, VCM = 0.5 AVDD,
INL
Integral nonlinearity
8
20
ppm
best fit(3)
PGA disabled, gain = 1 to 4, TA = +25°C,
±4
µV
differential inputs
VIO
Offset voltage (input-referred)
Gain = 1 to 128, TA = +25°C,
±4
µV
differential inputs
PGA disabled, gain = 1 to 4
0.25
µV/°C
Offset drift
Gain = 1 to 128, TA = –40°C to +85°C
(3)
0.08
0.3
µV/°C
Gain = 1 to 128
0.25
µV/°C
PGA disabled, gain = 1 to 4, TA = +25°C
±0.015%
GE
Gain error
Gain = 1 to 128, TA = +25°C
–0.1%
±0.015%
0.1%
PGA disabled, gain = 1 to 4
1
ppm/°C
Gain drift
Gain = 1 to 128(3)
1
4
ppm/°C
50 Hz ±3%, DR = 20 SPS, external CLK,
105
dB
50/60 bit = 10
60 Hz ±3%, DR = 20 SPS, external CLK,
NMRR
Normal-mode rejection ratio(3)
105
dB
50/60 bit = 11
50 Hz or 60 Hz ±3%, DR = 20 SPS,
90
dB
external CLK, 50/60 bit = 01
At dc and gain = 1
90
105
dB
CMRR
Common-mode rejection ratio
fCM = 50 Hz, DR = 2000 SPS
(3)
95
115
dB
fCM = 60 Hz, DR = 2000 SPS
(3)
95
115
dB
AVDD at dc, VCM = 0.5 AVDD, gain = 1
80
105
dB
PSRR
Power-supply rejection ratio
DVDD at dc, VCM = 0.5 AVDD, gain = 1
(3)
100
115
dB
INTERNAL VOLTAGE REFERENCE
Initial accuracy
TA = +25°C
2.045
2.048
2.051
V
Reference drift(3)
5
40
ppm/°C
Long-term drift
1000 hours
110
ppm
VOLTAGE REFERENCE INPUT
VREF
Reference input range
VREF = VREFPx – VREFNx
0.75
2.5
AVDD
V
Negative reference absolute input
REFNx to AVSS
AVSS – 0.1
VREFPx – 0.75
V
Positive reference absolute input
REFPx to AVSS
VREFNx + 0.75
AVDD + 0.1
V
Reference input current
REFN0 = AVSS, REFP0 = VREF
±10
nA
(1)
PGA disabled means the low-noise PGA is powered down and bypassed. Gains of 1, 2, and 4 are still possible in this case.
See the Bypassing the PGA section for more information.
(2)
Limited to [(AVDD – AVSS) – 0.4 V] / gain, when the PGA is enabled.
(3)
Minimum and maximum values are ensured by design and characterization data.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :ADS1120


Similar Part No. - ADS1120IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
ADS1120IPWR TI1-ADS1120IPWR Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPWR TI1-ADS1120IPWR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
More results

Similar Description - ADS1120IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com