Electronic Components Datasheet Search |
|
ADS1000A1IDBVR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
ADS1000A1IDBVR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 23 page www.ti.com THEORY OF OPERATION ANALOG-TO-DIGITAL CONVERTER RESET AND POWER-UP OUTPUT CODE CALCULATION I2C INTERFACE Output Code + 2048(PGA) V IN)*VIN− V DD CLOCK GENERATOR USING THE ADS1000 OPERATING MODES ADS1000 SBAS357A – SEPTEMBER 2006 – REVISED OCTOBER 2007 conversion has been completed, the ADS1000 places The ADS1000 is a fully differential, 12-bit A/D the result in the output register, and immediately converter. The ADS1000 allows users to obtain begins another conversion. When the ADS1000 is in precise measurements with a minimum of effort, and continuous conversion mode, the ST/BSY bit in the the device is extremely easy to design with and configuration register always reads '1'. configure. In single conversion mode, the ADS1000 waits until The ADS1000 consists of an A/D converter core with the ST/BSY bit in the conversion register is set to '1'. adjustable gain, a clock generator, and an I2C When this happens, the ADS1000 powers up and interface. Each of these blocks are described in detail performs a single conversion. After the conversion in the sections that follow. completes, the ADS1000 places the result in the output register, resets the ST/BSY bit to '0' and powers down. Writing a '1' to ST/BSY while a conversion is in progress has no effect. The ADS1000 uses a switched-capacitor input stage. To external circuitry, it looks roughly like a resistance. When switching from continuous conversion mode to The resistance value depends on the capacitor single conversion mode, the ADS1000 will complete values and the rate at which they are switched. The the current conversion, reset the ST/BSY bit to '0' and switching clock is generated by the onboard clock power-down the device. generator, so its frequency, nominally 275kHz, is dependent on supply voltage and temperature. The capacitor values depend on the PGA setting. When the ADS1000 powers up, it automatically The common-mode and differential input impedances performs a reset. As part of the reset, the ADS1000 are different. For a gain setting of PGA, the sets all of the bits in the configuration register to their differential input impedance is typically 2.4M Ω/PGA. respective default settings. The common-mode impedance is typically 8M Ω. The ADS1000 responds to the I2C General Call Reset command. When the ADS1000 receives a General Call Reset, it performs an internal reset, exactly as though it had just been powered on. The ADS1000 outputs codes in binary two’s complement format. The output code is confined to the range of numbers: –2048 to 2047, and is given by: The ADS1000 communicates through an I2C (Inter-Integrated Circuit) interface. The I2C interface is a two-wire, open-drain interface supporting multiple devices and masters on a single bus. Devices on the I2C bus only drive the bus lines low, by connecting them to ground; they never drive the bus lines high. Instead, the bus wires are pulled high by pull-up The ADS1000 features an onboard clock generator. resistors, so the bus wires are high when no device is The Typical Characteristics show variations in data driving them low. This way, two devices cannot rate over supply voltage and temperature. It is not conflict; if two devices drive the bus simultaneously, possible to operate the ADS1000 with an external there is no driver contention. clock. Communication on the I2C bus always takes place between two devices, one acting as the master and the other acting as the slave. Both masters and slaves can read and write, but slaves can only do so under the direction of the master. Some I2C devices The ADS1000 operates in one of two modes: can act as masters or slaves, but the ADS1000 can continuous conversion and single conversion. only act as a slave device. In continuous conversion mode, the ADS1000 continuously performs conversions. Once a Copyright © 2006–2007, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): ADS1000 |
Similar Part No. - ADS1000A1IDBVR |
|
Similar Description - ADS1000A1IDBVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |