Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1000A1IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1000A1IDBVT
Description  LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000A1IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1000A1IDBVT Datasheet HTML 7Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 8Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 9Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 10Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 11Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 12Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 13Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 14Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
BASIC CONNECTIONS
1
2
3
6
5
4
V
IN
-
V
IN+
SCL
GND
V
DD
SDA
ADS1000
PositiveInput
(0Vto5V)
NegativeInput
(0Vto5V)
V
DD
V
DD
4.7 F(typ.)
m
Microcontrolleror
Microprocessor
withI CPort
2
SCL
SDA
I CPull-UpResistors
1k
to10k
(typ.)
W
W
2
ADS1000
SBAS357A – SEPTEMBER 2006 – REVISED OCTOBER 2007
The ADS1000 interfaces directly to standard mode,
fast mode, and high-speed mode I2C controllers. Any
microcontroller I2C peripheral, including master-only
For many applications, connecting the ADS1000 is
and non-multiple-master I2C peripherals, will work
extremely simple. A basic connection diagram for the
with the ADS1000. The ADS1000 does not perform
ADS1000 is shown in Figure 9.
clock-stretching (that is, it never pulls the clock line
The fully differential voltage input of the ADS1000 is
low), so it is not necessary to provide for this unless
ideal for connection to differential sources with
other devices are on the same I2C bus.
moderately low source impedance, such as bridge
Pull-up resistors are necessary on both the SDA and
sensors and thermistors. Although the ADS1000 can
SCL lines because I2C bus drivers are open-drain.
read bipolar differential signals, it cannot accept
The size of these resistors depends on the bus
negative voltages on either input. It may be helpful to
operating speed and capacitance of the bus lines.
think of the ADS1000 positive voltage input as
Higher-value resistors consume less power, but
noninverting, and of the negative input as inverting.
increase the transition times on the bus, limiting the
When the ADS1000 is converting, it draws current in
bus speed. Lower-value resistors allow higher speed
short spikes. The 0.1
μF bypass capacitor supplies
at the expense of higher power consumption. Long
the momentary bursts of extra current needed from
bus lines have higher capacitance and require
the supply.
smaller pullup resistors to compensate. The resistors
should not be too small; if they are, the bus drivers
may not be able to pull the bus lines low.
Figure 9. Typical Connections of the ADS1000
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1000


Similar Part No. - ADS1000A1IDBVT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000A1IDBVT AD-ADS1000A1IDBVT Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS1000A1IDBVTG4 AD-ADS1000A1IDBVTG4 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results

Similar Description - ADS1000A1IDBVT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com