Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRC2016T1R5M Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # BRC2016T1R5M
Description  WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BRC2016T1R5M Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BRC2016T1R5M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BRC2016T1R5M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BRC2016T1R5M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BRC2016T1R5M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BRC2016T1R5M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BRC2016T1R5M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc BRC2016T1R5M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc BRC2016T1R5M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc BRC2016T1R5M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_BR_reli_e-E02R01
15. Damp heat
Specified Value
ALL OF BR-SERIES
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
The given sample is soldered to the board and then it is kept at the following conditions.
Temperature
60±2℃
Humidity
90~95%RH
Time
1000 hours.
Recovery
: At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
16. Loading under damp heat
Specified Value
ALL OF BR-SERIES
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
The given sample is soldered to the board and then it is kept at the following conditions.
Temperature
60±2℃
Humidity
90~95%RH
Applied current
Rated current
Time
1000hours.
Recovery
: At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
17. Low temperature life test
Specified Value
ALL OF BR-SERIES
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
The given sample is soldered to the board and then it is kept at the following conditions.
Temperature
-40±2℃
Duration
1000hours
Recovery
: At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
18. High temperature life test
Specified Value
ALL OF BR-SERIES
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
The given sample is soldered to the board and then it is kept at the following conditions.
Temperature
85±2℃
Duration
1000hours
Recovery
: At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
19. Standard conditions
Specified Value
ALL OF BR-SERIES
Standard test condition :
Unless otherwise specified, temperature is 20±15℃ and 65±20%of relative humidity.
When there is any question concerning measurement result: In order to provide
correlation data, the test shall be condition of 20±2℃ of temperature, 65±5% relative
humidity.
Inductance is in accordance with our measured value.


Similar Part No. - BRC2016T1R5M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T1R5M TAIYO-YUDEN-BRC2016T1R5M Datasheet
913Kb / 19P
   WOUND CHIP POWER INDUCTOR
BRC2016T1R5M TAIYO-YUDEN-BRC2016T1R5M Datasheet
280Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRC2016T1R5M TAIYO-YUDEN-BRC2016T1R5M Datasheet
352Kb / 3P
   Wire-wound Ferrite Power Inductors LSQPB series for General Electronic Equipment
2021/8/3
More results

Similar Description - BRC2016T1R5M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRL3225T1R0M TAIYO-YUDEN-BRL3225T1R0M Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T2R2M TAIYO-YUDEN-BRL1608T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T4R7M TAIYO-YUDEN-BRL3225T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2515T4R7MD TAIYO-YUDEN-BRL2515T4R7MD Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2012T4R7M TAIYO-YUDEN-BRL2012T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T2R2M TAIYO-YUDEN-BRL3225T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T100M TAIYO-YUDEN-BRL1608T100M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC1608TR56M TAIYO-YUDEN-BRC1608TR56M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC2518T1R5M TAIYO-YUDEN-BRC2518T1R5M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRL3225T100M TAIYO-YUDEN-BRL3225T100M_19 Datasheet
276Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com