Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBYW04-200 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMBYW04-200
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBYW04-200 Datasheet(HTML) 6 Page - STMicroelectronics

  SMBYW04-200 Datasheet HTML 1Page - STMicroelectronics SMBYW04-200 Datasheet HTML 2Page - STMicroelectronics SMBYW04-200 Datasheet HTML 3Page - STMicroelectronics SMBYW04-200 Datasheet HTML 4Page - STMicroelectronics SMBYW04-200 Datasheet HTML 5Page - STMicroelectronics SMBYW04-200 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
SMBYW04-200
D20
SMC
0.243g
2500
Tape and reel
BYW4200B
W4200
DPAK
0.30g
75
Tube
BYW4200B-RL
W4200
DPAK
0.30g
2500
Tape and reel
Epoxy meets UL 94,V0
Band indicates cathode
PACKAGE MECHANICAL DATA
SMC
E
C
L
E2
E1
D
A1
A2
b
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
FOOT PRINT (in millimeters)
2.0
4.2
2.0
3.3
SMBYW04-200 / BYW4200B
6/6


Similar Part No. - SMBYW04-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBYW04-200 STMICROELECTRONICS-SMBYW04-200 Datasheet
103Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY DIODE
October 1999 - Ed: 4C
logo
Zibo Seno Electronic En...
SMBYW04-200 ZSELEC-SMBYW04-200 Datasheet
114Kb / 2P
   4.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results

Similar Description - SMBYW04-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBYW01-200 STMICROELECTRONICS-SMBYW01-200 Datasheet
59Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY DIODE
SMBYW04-200 STMICROELECTRONICS-SMBYW04-200 Datasheet
103Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY DIODE
October 1999 - Ed: 4C
STPR120A STMICROELECTRONICS-STPR120A Datasheet
51Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY DIODE
April 2000 - Ed: 3
BYW100-200 STMICROELECTRONICS-BYW100-200 Datasheet
48Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
BYT30G-400 STMICROELECTRONICS-BYT30G-400 Datasheet
71Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY DIODES
BYW29G-200 STMICROELECTRONICS-BYW29G-200 Datasheet
63Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY DIODES
BYW77G-200 STMICROELECTRONICS-BYW77G-200 Datasheet
66Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY DIODES
BYW29FP-200 STMICROELECTRONICS-BYW29FP-200 Datasheet
135Kb / 7P
   HIGH EFFICIENCY FAST RECOVERY DIODES
STTH30R02DJF STMICROELECTRONICS-STTH30R02DJF Datasheet
181Kb / 9P
   Ultrafast recovery diode high efficiency
March 2012 Rev 1
STTH8R03DJF STMICROELECTRONICS-STTH8R03DJF Datasheet
181Kb / 9P
   Ultrafast recovery diode high efficiency
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com