Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

254779 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 254779
Description  M8, 4pin / M12, 4pin
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

254779 Datasheet(HTML) 1 Page - ERNI Electronics

  254779 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
/
1
2
4
3
1
4
2
3
5
Ansicht: Steckgesicht; Kontaktbelegung
View: mating face; pin assignment
Buchse M12 /
M12 female
4-polig /
Stecker M8 /
M8 male
4-polig /
4 pin
4 pin
1
2
4
1
2
4
3
3
Index
Date
/
Schematic diagram
/
STROMLAUFPLAN
Technical sketch
/
TECHNISCHE SKIZZE
Artikel-Nr.
254778
Part No.
BAUTEILE / FERTIGUNGSHINWEISE
Piece parts / Manufacturing notices
- Aufdruck mittels Tampondruck entspr. techn. Skizze
Imprint see technical sketch
- Gute Chemikalien- und Ölbeständigkeit. Beim Einsatz aggressiver Medien ist die
Materialbeständigkeit applikationsbezogen zu überprüfen.
Good chemical and oil resistance. When using agressive media, material
resistance based on application must be checked.
ERNI-Art.- Nr.
Part No.
Production date
e.g.: KW09 2007
46 1,81
contact one of the ERNI companies
CCA
A-coding
CCA
M8, 4pin / M12, 4pin
254779
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Designation
A3
Class
Drawing will not be updated.
prior notice.
Subject to modification
without
www.ERNI.com
before using.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
I
SPECIFICATIONS Circular Connector
T e chni cal Sp e ci fi cati o ns
Standard ap p li c.
Value
Ele ctri cal Data
Stand ard ap pli c.
Value
Type:
Rated (nominal) voltage; max.
IEC 61-076-2-101
24 V AC/DC
Rated current; per contact, max. IEC 61-076-2-101
4 A
V
k
8
,
0
1
0
1
-
2
-
6
7
0
-
1
6
C
E
I
e
g
a
tl
o
v
e
s
l
u
p
m
i
d
e
t
a
R
n
i
p
4
:t
n
e
m
n
g
i
s
s
a
n
i
P
g
n
i
d
o
c
-
A
:
g
n
i
d
o
C
Connection:
A pp ro vals
Protection class
5
2
-
:
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
T
7
6
P
I
9
2
5
0
6
C
E
I
)
d
e
k
c
o
l
d
n
a
d
e
t
a
m
(
C
°
5
8
+
3
e
e
r
g
e
d
n
o
it
u
ll
o
P
g
a
b
r
e
p
e
c
e
i
p
1
:
g
n
i
g
a
k
c
a
P
Insulation category
IEC 60664-1
I
Mate ri als & Fi ni sh
s
e
Y
t
n
a
il
p
m
o
c
S
H
o
R
Contact material:
a) male
Standard description CuZn39Pb3F50
b) female
Standard description CuNi2Si HV160U
Contact finish, mating zone:
a) male
Thickness of plating 0,5 µm Au over 2 µm Ni
b) female
Thickness of plating 0,8 µm Au (partial)
Insulation material:
Standard description Elastollan R 3000 A
Adaptor M8 male -
M12 female, black
Screw locking M8x1
(0,4 Nm) / M12x1 (0,6 Nm)


Similar Part No. - 254779

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
254771 ERNI-254771 Datasheet
33Kb / 1P
   CCA M12, 4pin / IDC
254773 ERNI-254773 Datasheet
678Kb / 1P
   M12, 3pin / M8, 3pin
254775 ERNI-254775 Datasheet
683Kb / 1P
   M12, 4pin / M8, 4pin
254777 ERNI-254777 Datasheet
662Kb / 1P
   M8, 3pin / M12, 3pin
More results

Similar Description - 254779

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
254775 ERNI-254775 Datasheet
683Kb / 1P
   M12, 4pin / M8, 4pin
224890 ERNI-224890 Datasheet
39Kb / 1P
   CCCS M8, 4pin / M8, 4pin
224898 ERNI-224898 Datasheet
38Kb / 1P
   CCCS M8, 4pin / M8, 4pin
224908 ERNI-224908 Datasheet
41Kb / 1P
   CCCS M12, 4pin / M12, 4pin
324089 ERNI-324089 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224907 ERNI-224907 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
354167 ERNI-354167 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224901 ERNI-224901 Datasheet
42Kb / 1P
   CCCS M12, 4pin / M12, 4pin
254791 ERNI-254791 Datasheet
90Kb / 1P
   M12, 4pin / 2 x M8, 3pin
224895 ERNI-224895 Datasheet
35Kb / 1P
   CCCS M8, 4pin / pigtail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com