Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRL2518T3R3M Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # BRL2518T3R3M
Description  WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BRL2518T3R3M Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BRL2518T3R3M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BRL2518T3R3M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BRL2518T3R3M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BRL2518T3R3M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BRL2518T3R3M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BRL2518T3R3M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc BRL2518T3R3M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc BRL2518T3R3M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc BRL2518T3R3M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_BR_reli_e-E02R01
9. Body strength
Specified Value
ALL OF BR-SERIES
No damage.
Test Methods and
Remarks
2012~
Applied force
10N
Duration
: 10sec.
1608 size
Applied force
: 5N
Duration
: 10sec.
10. Adhesion of terminal electrodes
Specified Value
ALL OF BR-SERIES
Not to removed from the board.
Test Methods and
Remarks
The given sample is soldered to the board and then it is kept for 5sec with 10N stress (5N for 1608(0603) inductors) like the figure.
11. Resistance to vibration
Specified Value
ALL OF BR-SERIES
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
The given sample is soldered to the board and then it is tested depending on the conditions of the following table.
Vibration Frequency
10~55Hz
Total Amplitude
1.5mm (May not exceed acceleration 196m/s2)
Sweeping Method
10Hz to 55Hz to 10Hz for 1min.
Time
X
For 2 hours on each X, Y, and Z axis.
Y
Z
Recovery
: At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48hrs.
12. Solderability
Specified Value
ALL OF BR-SERIES
At least 90% area of the electrodes is covered by new solder.
Test Methods and
Remarks
Test Method and Remarks】
The given sample is dipped into the flux and then it is tested depending on the conditions of the following table.
Flux : Methanol solution containing rosin 25%.
Solder Temperature
245±5℃
Time
5±0.5 sec.
13. Resistance to soldering heat
Specified Value
ALL OF BR-SERIES
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
3 times reflow having the temperature profile of 5sec of 260+0/-5 ℃ and 40sec of more than 230℃.
Test board thickness
: 1.0mm
Test board material
: glass epoxy-resin
14. Thermal shock
Specified Value
ALL OF BR-SERIES
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
The given sample is soldered to the board and then its Inductance is measured after 100cycles of the following conditions.
Conditions of 1 cycle
Step
Temperature (℃)
Duration (min)
1
-40±3
30±3
2
Room temperature
Within 3
3
+85±2
30±3
4
Room temperature
Within 3


Similar Part No. - BRL2518T3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRL2518T3R3M TAIYO-YUDEN-BRL2518T3R3M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
BRL2518T3R3M TAIYO-YUDEN-BRL2518T3R3M Datasheet
354Kb / 3P
   Wire-wound Ferrite Power Inductors LSQPB series for General Electronic Equipment
2023.03.06
More results

Similar Description - BRL2518T3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRL3225T1R0M TAIYO-YUDEN-BRL3225T1R0M Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T2R2M TAIYO-YUDEN-BRL1608T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T4R7M TAIYO-YUDEN-BRL3225T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2515T4R7MD TAIYO-YUDEN-BRL2515T4R7MD Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2012T4R7M TAIYO-YUDEN-BRL2012T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T2R2M TAIYO-YUDEN-BRL3225T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T100M TAIYO-YUDEN-BRL1608T100M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC1608TR56M TAIYO-YUDEN-BRC1608TR56M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC2518T1R5M TAIYO-YUDEN-BRC2518T1R5M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRL3225T100M TAIYO-YUDEN-BRL3225T100M_19 Datasheet
276Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com