Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDM-9PH003B Datasheet(PDF) 10 Page - ITT Industries

Part # MDM-9PH003B
Description  Micro-D Metal Shell - .050" Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-9PH003B Datasheet(HTML) 10 Page - ITT Industries

Back Button MDM-9PH003B Datasheet HTML 3Page - ITT Industries MDM-9PH003B Datasheet HTML 4Page - ITT Industries MDM-9PH003B Datasheet HTML 5Page - ITT Industries MDM-9PH003B Datasheet HTML 6Page - ITT Industries MDM-9PH003B Datasheet HTML 7Page - ITT Industries MDM-9PH003B Datasheet HTML 8Page - ITT Industries MDM-9PH003B Datasheet HTML 9Page - ITT Industries MDM-9PH003B Datasheet HTML 10Page - ITT Industries MDM-9PH003B Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micro-D Metal Shell - .050" Contact Spacing
MIL-DTL-83513
How to Order - MIL-DTL-83513 Part Number Nomenclature – Slash Sheets 1-9
16
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
SERIES
Metal Shell, Liquid Crystal Polymer (LCP)
Diallyl Phthalate Insulator
Polyester Insulator
MDM
MDB
MDVB
-
-
-
-
Plug, Connector, Solderpot
Receptacle, Connector, Solderpot
Plug, Connector, Crimp Type
Receptacle, Connector, Crimp Type
Hardware Only
Plug, Connector, Solderpot
Receptacle, Connector, Solderpot
Plug, Connector, Crimp Type
Receptacle, Connector, Crimp Type
Metal Shell
Plastic
01
02
03
04
05
06
07
08
09
-
-
-
-
-
-
-
-
-
long, #26 AWG per MIL-W-22759/11-26-9 (all white)
long, #26 AWG per MIL-W-22759/11-26-9 (all white)
long, #26 AWG per MIL-W-22759/11-26
Color Coded per MIL-STD-681, System 1, 10 colors repeating
long, #26 AWG per MIL-W-22759/11-26-
Color Coded per MIL-STD-681, System 1, 10 colors repeating
long. #25 AWG, type S per QQ-W-343,
Gold Plated
long, #25 AWG, type S per QQ-W-343,
Gold Plated
long, #25 AWG, type S per QQ-W-W-343,
Tin Plated
long, #25 AWG, type S per QQ-W-343,
Tin Plated
long, #26 AWG per MIL-W-22759/33-26-9 (all white)
long, #26 AWG per MIL-W-22759/33-26-9 (all white)
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1, 10 colors repeating
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1, 10 colors repeating
long, #26 AWG per MIL-W-22759/11-26-9 (all white)
long, #26 AWG per MIL-W-22759/11-26
Color Coded per MIL-STD-681, System 1, 10 colors repeating
long, #26 AWG per MIL-W-22759/33-26-9 (all white)
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1, 10 colors repeating
18"
36"
18"
36"
.5"
1.0"
.5"
1.0"
18"
36"
18"
36"
72"
72"
72"
72"
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
9 Contact
15 Contact
21 Contact
25 Contact
31 Contact
37 Contact
51 Contact
100 Contact
METAL SHELL
No Number - For Solderpot
For every Mil Spec Part Number, ITT has one corresponding
part number shown an example
-
-
-
-
-
-
For space application, connector shell finish must be "A174"
and wire must be per MIL-W-22759/33-26.
Any deviations to these P/N's will result in assignment of a
special P/N, consult factory.
Size 100 not available in / 06 through / 09. (Plastic shell)
Color coding in accordance with MIL-STD-681, System 1,
no parenthesis. See page 83 for color code chart.
For mounting hardware to Military Specification (sizes 9 to 100)
see page 13.
No number - for plastic type connector
C – for Cadmium/Yellow chromate over nickel
N – A174 - Electroless Nickel A174
Tolerance on wire lengths: 18", 36" and 72" long —
+1.00"/-0.00"
.5" and 1.00" — + .200"/-.000"
PLASTIC
9 Contact
15 Contact
21 Contact
25 Contact
31 Contact
37 Contact
51 Contact
A
B
C
D
E
F
G
H
-
-
-
-
-
-
-
-
M83513/ 01
* ** * * *
H100
--
MIL-C-83513 SLASH SHEET
INSERT ARRANGEMENT
WIRE TYPE
SHELL FINISH
NOTES:
7
5
5
6
6
3
3
36
3
7
6
5
4
-
1
3
2
36
6
3
36


Similar Part No. - MDM-9PH003B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com