Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BV301D15015 Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # BV301D15015
Description  SEALED POWER TRANFORMERS BV SERIES EI30 0.6VA . 2.8VA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

BV301D15015 Datasheet(HTML) 3 Page - ZETTLER Electronics

  BV301D15015 Datasheet HTML 1Page - ZETTLER Electronics BV301D15015 Datasheet HTML 2Page - ZETTLER Electronics BV301D15015 Datasheet HTML 3Page - ZETTLER Electronics BV301D15015 Datasheet HTML 4Page - ZETTLER Electronics BV301D15015 Datasheet HTML 5Page - ZETTLER Electronics BV301D15015 Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Part Number
Part Number
Secondary
Secondary
No-load
Rated
Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06012
BV302S06012
6±10%
200
8.3
1.2
22.3 MAX
BV301S09012
BV302S09012
9±10%
133
12.5
1.2
22.3 MAX
BV301S12012
BV302S12012
12±10%
100
16.6
1.2
22.3 MAX
BV301S15012
BV302S15012
15±10%
80
20.8
1.2
22.3 MAX
BV301S18012
BV302S18012
18±10%
67
25.7
1.2
22.3 MAX
BV301S24012
BV302S24012
24±10%
50
33.3
1.2
22.3 MAX
BV301D06012
BV302D06012
6±10%
6±15%
2×100
2×8.3
1.2
22.3 MAX
BV301D09012
BV302D09012
9±10%
9±15%
2×67
2×12.5
1.2
22.3 MAX
BV301D12012
BV302D12012
12±10%
12±15%
2×50
2×16.6
1.2
22.3 MAX
BV301D15012
BV302D15012
15±10%
15±15%
2×40
2×20.8
1.2
22.3 MAX
BV301D18012*
BV302D18012*
18±10%
18±15%
2×33
2×25
1.2
22.3 MAX
BV301D24012*
BV302D24012*
24±10%
24±15%
2×25
2×33.3
1.2
22.3 MAX
Part Number
Part Number
Secondary
Secondary
No-load
Rated Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06015
BV302S06015
6±10%
250
9.7
1.5
24.4 MAX
BV301S09015
BV302S09015
9±10%
167
14.5
1.5
24.4 MAX
BV301S12015
BV302S12015
12±10%
125
19.3
1.5
24.4 MAX
BV301S15015
BV302S15015
15±10%
100
24.2
1.5
24.4 MAX
BV301S18015
BV302S18015
18±10%
83
29.8
1.5
24.4 MAX
BV301S24015
BV302S24015
24±10%
63
38.6
1.5
24.4 MAX
BV301D06015
BV302D06015
6±10%
6±15%
2×125
2×9.7
1.5
24.4 MAX
BV301D09015
BV302D09015
9±10%
9±15%
2×83
2×15.3
1.5
24.4 MAX
BV301D12015
BV302D12015
12±10%
12±15%
2×63
2×19.3
1.5
24.4 MAX
BV301D15015
BV302D15015
15±10%
15±15%
2×50
2×24.2
1.5
24.4 MAX
BV301D18015*
BV302D18015*
18±10%
18±15%
2×42
2×29
1.5
24.4 MAX
BV301D24015*
BV302D24015*
24±10%
24±15%
2×31
2×38.6
1.5
24.4 MAX
EI30-10.5 SERIES 1.2 VA
EI30-10.5 SERIES 1.5 VA


Similar Part No. - BV301D15015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BV301D15006 ETC-BV301D15006 Datasheet
127Kb / 6P
   UL & VDE CERTIFICATION
More results

Similar Description - BV301D15015

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BV030-6061.0 PULSE-BV030-6061.0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 12.5 - 1.2VA
BV030-5693.0 PULSE-BV030-5693.0 Datasheet
71Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 10.5 - 1.0VA
logo
Vishay Siliconix
SFH614A VISHAY-SFH614A Datasheet
88Kb / 6P
   Optocoupler, Phototransistor Output, 300 V BV-CEO
Rev. 1.3, 19-Apr-04
logo
Pulse A Technitrol Comp...
BV030 PULSE-BV030 Datasheet
460Kb / 12P
   LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA
logo
Bel Fuse Inc.
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
2795R BEL-2795R Datasheet
57Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Murata Manufacturing Co...
935148522310-F1T MURATA1-935148522310-F1T Datasheet
597Kb / 7P
   Wire bonding vertical SiCap WASC522.310 (100pF/0101/BV>150V)
Rev. 2.0
logo
Bel Fuse Inc.
2771D BEL-2771D Datasheet
41Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
2795K BEL-2795K Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com