Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDM-31PBS Datasheet(PDF) 2 Page - ITT Industries

Part # MDM-31PBS
Description  The Micro Line - .050 Contact Spacing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-31PBS Datasheet(HTML) 2 Page - ITT Industries

  MDM-31PBS Datasheet HTML 1Page - ITT Industries MDM-31PBS Datasheet HTML 2Page - ITT Industries MDM-31PBS Datasheet HTML 3Page - ITT Industries MDM-31PBS Datasheet HTML 4Page - ITT Industries MDM-31PBS Datasheet HTML 5Page - ITT Industries MDM-31PBS Datasheet HTML 6Page - ITT Industries MDM-31PBS Datasheet HTML 7Page - ITT Industries MDM-31PBS Datasheet HTML 8Page - ITT Industries MDM-31PBS Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ittcannon.com
232
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Micro-D Metal Shell - .050" Contact Spacing
MDM
How to Order
Performance and Material Specifications
MIL-C-83513 ordering information- pages 240 and 241
SERIES
MDM
51
P
H
001
P
XXX
-
-
SERIES
CONTACT ARRANGEMENTS
CONTACT TYPE
TERMINATION TYPE
CONTACT ARRANGEMENTS
CONTACT TYPE
TERMINATION TYPE
TERMINATION CODE
TERMINATION CODE*
HARDWARE
STANDARD MATERIALS AND FINISHES
ELECTRICAL DATA - page 231
Shell
MDM (size 9-100): Liquid Crystal Ploymer (LCP)
MDM (Combo Layout): Diallyl Phthalate insulator
Material
(H) 001 - 18",7/34 strand,#26 AWG,
MIL-W-16878/4, Type E Teflon,
yellow.
(H) 003 - 18", 7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon,
color coded to MIL-STD-681
System I.
(L) 1 - 1/2" uninsulated solid #25
AWG gold plated copper.
(L) 2 - 1" uninsulated solid #25 AWG
gold plated copper.
M - Military specification hardware, see
page 237.
P - Jackpost
K - Jackscrew-standard
L - Jackscrew-low profile
F - Float mount
B - No hardware standard
.091 (2.31) dia. hole for sizes 9-51;
.120 (3.05) dia. hole for size 100.
A - .125 (3.18) dia. mounting holes fo
sizes 9-51;
.166 (4.22) dia. hole for size 100.
B1 - .1475 (3.75) dia. hole for size 100
(Per MIL-C-83513)
No
Number - Standard Cadmium/yellow chromate
A174 - Electroless nickel
A172 - Gold over nickel
A141 - Irridite/alodine
A30 - Black anodize
*See Termination Codes page 233 for additional length
Modification codes.
**For other modifications not listed, consult the factory.
9-15-21-25-31-37-51-100 (standard)
7C2, 24C42 (coaxial)
7P2, 24P4 (power)
P - Pin
S - Socket
H - Harness-insulated wire.
L - Solid-uninsulated wire.
S - Solder pot to accept #26 AWG MAX.
harness wire. (Not available with power
contact arrangements.)
or combination of
coax and power
Insulator
Contacts
Mounting Hardware
Kit, Jackpost (3) items
Washer
Standard Epoxy
- Aluminum alloy per QQ-A-200/8
(6061-T6), yellow chromate/cadmium
per QQ-P-416, Type II, class 3.
- MIL-M-24519, Type GLCP-30F
Glass-filled diallyl phthalate per
MIL-M-14, Type SDGF
- Copper alloy, gold plate
- 300 Series stainless steel, passivate
- 300 Series stainless steel, passivate
- 400 Series stainless stell, passivate
- Hysol EE4198 with HD3561 hardener,
color green or EE4215 with HD3561,
color black
Coupling
Polarization
Contact Spacing
Centers
Shell Styles
No. of Contacts
Coaxial Cable
Wire Size
Contact Termination
- Friction/jackscrews
- Keystone-shaped shells
- .050 (1.27)
- Plug and receptacle
- 9 thru 100 standard;
5 signal/2 coaxial;
5 signal/2 power.
20 signal/4 coaxial;
20 signal/4 power
- RG - 178/U
- #24 thru #32 AWG
- Multiple indent crimp
MECHANICAL FEATURES
SHELL FINISH MOD CODES**
HARDWARE
SHELL FINISH MOD CODES
MDM connectors are used in applications requiring
highly reliable, extremely small, lightweight connec-
tors with higher density contact configurations than
available in traditional rectangular connectors. They
are available in 8 shell sizes accommodating from 9
to 100 contacts, and special arrangements of power
and coaxial contacts.
PINª/MICROSOCKETª
contacts
on
.050(1.27_
centers in a contact density identical to the stan-
dard MICRO-D connector series, but with these
additional features:
¥ Aluminum shells to provide greater strength,
prevent chipping, cracking or breaking, offer
electromagnetic (EMI) and RFI shielding.
¥ Silicone elastomer compression interfacial seal
to provide a moisture and humidity seal between
each contact and between contacts and shell.
These connectors are designed to meet the rapidly
increasing demands for an environmental, high per-
formance, rugged, moisture-sealed microminiature
connector. This connector employs size 24 MICRO-
}


Similar Part No. - MDM-31PBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results

Similar Description - MDM-31PBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com