Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BV301S12017 Datasheet(PDF) 4 Page - ZETTLER Electronics

Part # BV301S12017
Description  SEALED POWER TRANFORMERS BV SERIES EI30 0.6VA . 2.8VA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

BV301S12017 Datasheet(HTML) 4 Page - ZETTLER Electronics

  BV301S12017 Datasheet HTML 1Page - ZETTLER Electronics BV301S12017 Datasheet HTML 2Page - ZETTLER Electronics BV301S12017 Datasheet HTML 3Page - ZETTLER Electronics BV301S12017 Datasheet HTML 4Page - ZETTLER Electronics BV301S12017 Datasheet HTML 5Page - ZETTLER Electronics BV301S12017 Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Part Number
Part Number
Secondary
Secondary
No-load
Rated
Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06017
BV302S06017
6±10%
283
9.8
1.7
24.4 MAX
BV301S09017
BV302S09017
9±10%
189
14.8
1.7
24.4 MAX
BV301S12017
BV302S12017
12±10%
142
19.7
1.7
24.4 MAX
BV301S15017
BV302S15017
15±10%
113
24.6
1.7
24.4 MAX
BV301S18017
BV302S18017
18±10%
94
30.3
1.7
24.4 MAX
BV301S24017
BV302S24017
24±10%
71
39.3
1.7
24.4 MAX
BV301D06017
BV302D06017
6±10%
6±15%
2×142
2×9.8
1.7
24.4 MAX
BV301D09017
BV302D09017
9±10%
9±15%
2×94
2×15.2
1.7
24.4 MAX
BV301D12017
BV302D12017
12±10%
12±15%
2×71
2×19.7
1.7
24.4 MAX
BV301D15017
BV302D15017
15±10%
15±15%
2×57
2×24.6
1.7
24.4 MAX
BV301D18017*
BV302D18017*
18±10%
18±15%
2×47
2×29.5
1.7
24.4 MAX
BV301D24017*
BV302D24017*
24±10%
24±15%
2×35
2×39.3
1.7
24.4 MAX
Part Number
Part Number
Secondary
Secondary
No-load
Rated Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06018
BV302S06018
6±10%
300
9.8
1.8
24.4 MAX
BV301S09018
BV302S09018
9±10%
200
14.8
1.8
24.4 MAX
BV301S12018
BV302S12018
12±10%
150
19.7
1.8
24.4 MAX
BV301S15018
BV302S15018
15±10%
120
24.6
1.8
24.4 MAX
BV301S18018
BV302S18018
18±10%
100
30.3
1.8
24.4 MAX
BV301S24018
BV302S24018
24±10%
75
39.3
1.8
24.4 MAX
BV301D06018
BV302D06018
6±10%
6±15%
2×150
2×9.8
1.8
24.4 MAX
BV301D09018
BV302D09018
9±10%
9±15%
2×100
2×15.2
1.8
24.4 MAX
BV301D12018
BV302D12018
12±10%
12±15%
2×75
2×19.7
1.8
24.4 MAX
BV301D15018
BV302D15018
15±10%
15±15%
2×60
2×24.6
1.8
24.4 MAX
BV301D18018*
BV302D18018*
18±10%
18±15%
2×50
2×30.3
1.8
24.4 MAX
BV301D24018*
BV302D24018*
24±10%
24±15%
2×37.5
2×39.3
1.8
24.4 MAX
Part Number
Part Number
Secondary
Secondary
No-load
Rated Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06020
BV302S06020
6±10%
333
10.4
2
27.4 MAX
BV301S09020
BV302S09020
9±10%
222
15.5
2
27.4 MAX
BV301S12020
BV302S12020
12±10%
167
20.7
2
27.4 MAX
BV301S15020
BV302S15020
15±10%
133
25.8
2
27.4 MAX
EI30-12.5 SERIES 1.7 VA
EI30-12.5 SERIES 1.8 VA
EI30-15.5 SERIES 2.0 VA


Similar Part No. - BV301S12017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BV301S12006 ETC-BV301S12006 Datasheet
127Kb / 6P
   UL & VDE CERTIFICATION
More results

Similar Description - BV301S12017

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BV030-6061.0 PULSE-BV030-6061.0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 12.5 - 1.2VA
BV030-5693.0 PULSE-BV030-5693.0 Datasheet
71Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 10.5 - 1.0VA
logo
Vishay Siliconix
SFH614A VISHAY-SFH614A Datasheet
88Kb / 6P
   Optocoupler, Phototransistor Output, 300 V BV-CEO
Rev. 1.3, 19-Apr-04
logo
Pulse A Technitrol Comp...
BV030 PULSE-BV030 Datasheet
460Kb / 12P
   LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA
logo
Bel Fuse Inc.
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
2795R BEL-2795R Datasheet
57Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Murata Manufacturing Co...
935148522310-F1T MURATA1-935148522310-F1T Datasheet
597Kb / 7P
   Wire bonding vertical SiCap WASC522.310 (100pF/0101/BV>150V)
Rev. 2.0
logo
Bel Fuse Inc.
2771D BEL-2771D Datasheet
41Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
2795K BEL-2795K Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com