Electronic Components Datasheet Search |
|
MF-MSMF02060 Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
MF-MSMF02060 Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 5 page Features ■ Compliant with AEC-Q200 Rev-C- Stress Test Qualification for Passive Components in Automotive Applications ■ 100 % electrically compatible with all previous generations of 1812 SMT devices ■ Compatible with Pb and Pb-free solder reflow profiles ■ RoHS compliant* and halogen free** ■ Surface mount packaging for automated assembly ■ Agency recognition: ■ Standard 4532 mm (1812 mils) footprint ■ Patents pending MF-MSMF Series - PTC Resettable Fuses *RoHS Directive 2002/95/EC Jan 27, 2003 including Annex. **Bourns is using the definition that appears to be the prevalent definition used as the industry standard at this time. The Bourns definition of “halogen-free” is: Bromine (Br) content: ≤ 900 ppm; Chlorine (Cl) content: ≤ 900 ppm; Total Br + Cl content: ≤1500 ppm. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Environmental Characteristics Operating Temperature......................................... -40 °C to +85 °C Maximum Device Surface Temperature in Tripped State .................................................... 125 °C Passive Aging ....................................................... +85 °C, 1000 hours............................................... ±5 % typical resistance change Humidity Aging ..................................................... +85 °C, 85 % R.H. 1000 hours ............................. ±5 % typical resistance change Thermal Shock ..................................................... +85 °C to -40 °C, 20 times ................................... ±10 % typical resistance change Solvent Resistance............................................... MIL-STD-202, Method 215................................... No change Vibration ............................................................... MIL-STD-883C, Method 2007.1, .......................... No change Condition A Electrical Characteristics Model V max. Volts I max. Amps Ihold Itrip Resistance Max. Time To Trip Tripped Power Dissipation Amperes at 23 °C Ohms at 23 °C Amperes at 23 °C Seconds at 23 °C Watts at 23 °C Hold Trip RMin. R1Max. Typ. MF-MSMF010 60.0 40 0.10 0.30 0.70 15.00 0.5 1.50 0.8 MF-MSMF014 60.0 40 0.14 0.34 0.40 6.50 1.5 0.15 0.8 MF-MSMF020 30.0 80 0.20 0.40 0.40 6.00 6.0 0.06 0.8 MF-MSMF020/60 60.0 40 0.20 0.40 0.40 6.00 1.5 0.15 0.8 MF-MSMF030 30.0 10 0.30 0.60 0.30 3.00 8.0 0.10 0.8 MF-MSMF050 15.0 100 0.50 1.00 0.15 1.00 8.0 0.15 0.8 MF-MSMF075 13.2 100 0.75 1.50 0.11 0.45 8.0 0.20 0.8 MF-MSMF075/24 24.0 40 0.75 1.50 0.11 0.45 8.0 0.20 0.8 MF-MSMF110 6.0 100 1.10 2.20 0.04 0.21 8.0 0.30 0.8 MF-MSMF110/16 16.0 100 1.10 2.20 0.04 0.21 8.0 0.30 0.8 MF-MSMF110/24X 24.0 20 1.10 2.20 0.06 0.18 8.0 0.50 0.8 MF-MSMF125 6.0 100 1.25 2.50 0.035 0.14 8.0 0.40 0.8 MF-MSMF150 6.0 100 1.50 3.00 0.03 0.120 8.0 0.5 0.8 MF-MSMF150/24X 24.0 20 1.50 3.00 0.03 0.120 8.0 1.50 1.0 MF-MSMF160 8.0 100 1.60 2.80 0.035 0.099 8.0 2.0 0.8 MF-MSMF200 8.0 40 2.00 4.00 0.020 0.080 8.0 3.0 0.8 MF-MSMF250/16X 16.0 100 2.50 5.00 0.015 0.100 8.0 5.0 1.2 MF-MSMF260 6.0 100 2.60 5.20 0.015 0.080 8.0 5.0 0.8 Test Procedures And Requirements For Model MF-MSMF Series Test Test Conditions Accept/Reject Criteria Visual/Mech. ......................................................... Verify dimensions and materials ........................... Per MF physical description Resistance............................................................ In still air @ 23 °C.................................................. Rmin ≤ R ≤ R1max Time to Trip........................................................... At specified current, Vmax, 23 °C ........................ T ≤ max. time to trip (seconds) Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning Trip Endurance ..................................................... Vmax, 48 hours..................................................... No arcing or burning Solderability.......................................................... ANSI/J-STD-002 ................................................... 95 % min. coverage UL File Number .................................................... E174545 http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545 CSA File Number.................................................. CA110338 http://directories.csa-international.org/ Under “Certification Record” and “File Number” enter 110338-0-000 TÜV Certificate Number ....................................... R 02057213 http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 2057213 |
Similar Part No. - MF-MSMF02060 |
|
Similar Description - MF-MSMF02060 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |