Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A4517DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A4517DBVR
Description  DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A4517DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS12A4517DBVR Datasheet HTML 4Page - Texas Instruments TS12A4517DBVR Datasheet HTML 5Page - Texas Instruments TS12A4517DBVR Datasheet HTML 6Page - Texas Instruments TS12A4517DBVR Datasheet HTML 7Page - Texas Instruments TS12A4517DBVR Datasheet HTML 8Page - Texas Instruments TS12A4517DBVR Datasheet HTML 9Page - Texas Instruments TS12A4517DBVR Datasheet HTML 10Page - Texas Instruments TS12A4517DBVR Datasheet HTML 11Page - Texas Instruments TS12A4517DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
50%
tOFF
tON
VIN
0 V
IN
NO
COM
50
TS12A4516
300
35 pF
90%
90%
0 V
50%
tON
tOFF
VIN
0 V
IN
NC
COM
50
300
35 pF
90%
90%
0 V
TS12A4517
VNOPEAK
VNOPEAK
VNO
VOUT
VIN
VNO
VOUT
VIN
V+
V+
V+
V+
V+
V+
VOUT
VOUT
V
V
Measurements are standardized against short at socket
terminals. OFF isolation is measured between COM and OFF
terminals on each switch. ON loss is measured between COM
and ON terminals on each switch. Signal direction through
switch is reversed; worst values are recorded.
VOUT
IN
NO
COM
VIN
TS12A4516
OFF Isolation = 20log
VOUT
VIN
ON Loss = 20log
VOUT
VIN
50
50
Ω 50 Ω
50
MEAS
REF
10 nF
TS12A4517
V+
V+
V+
V
or NC
IN
NO
COM
TS12A4516
1-MHz
As
Required
Analyzer
Capacitance
or
NC
TS12A4517
V+
V+
V
TS12A4516
,, TS12A4517
SCDS236B – DECEMBER 2006 – REVISED APRIL 2009 ................................................................................................................................................. www.ti.com
Figure 2. Switching Times
Figure 3. OFF Isolation and ON Loss
Figure 4. NO, NC, and COM Capacitance
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TS12A4516 TS12A4517


Similar Part No. - TS12A4517DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A4517DBVR TI-TS12A4517DBVR Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4517DBVR TI-TS12A4517DBVR Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results

Similar Description - TS12A4517DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4516 MAXIM-MAX4516 Datasheet
84Kb / 8P
   Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com