Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-MSMF030 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-MSMF030
Description  MF-MSMF Series - PTC Resettable Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF030 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-MSMF030 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMF030 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMF030 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMF030 Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSMF030 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
“freeXpansion Design” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-MSMF Series - PTC Resettable Fuses
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 ˚C
-20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
MF-MSMF010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
MF-MSMF014
0.23
0.19
0.17
0.14
0.12
0.10
0.09
0.08
0.06
MF-MSMF020
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
MF-MSMF020/60
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
MF-MSMF030
0.44
0.39
0.35
0.30
0.26
0.23
0.21
0.18
0.15
MF-MSMF050
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
MF-MSMF075
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
MF-MSMF075/24
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
MF-MSMF110
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
MF-MSMF110/16
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
MF-MSMF110/24X
2.00
1.70
1.40
1.10
0.95
0.88
0.80
0.73
0.61
MF-MSMF125
1.80
1.63
1.43
1.25
1.08
0.99
0.91
0.81
0.68
MF-MSMF150
2.17
1.95
1.72
1.50
1.30
1.18
1.09
0.97
0.82
MF-MSMF150/24X
2.10
1.90
1.70
1.50
1.25
1.13
1.00
0.88
0.69
MF-MSMF160
2.30
2.20
1.90
1.60
1.45
1.30
1.15
1.03
0.91
MF-MSMF200
3.08
2.71
2.35
2.00
1.80
1.60
1.50
1.40
1.25
MF-MSMF250/16X
3.85
3.45
3.00
2.50
2.05
1.85
1.75
1.30
1.10
MF-MSMF260
4.00
3.52
3.06
2.60
2.34
2.08
1.95
1.39
1.04
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder Reflow Recommendations
Notes:
MF-MSMF models cannot be wave soldered. Please contact Bourns for
hand soldering recommendations.
If reflow temperatures exceed the recommended profile, devices may
not meet the performance requirements.
Compatible with Pb and Pb-free solder reflow profiles.
Excess solder may cause a short circuit, especially during hand
soldering. Please refer to the Multifuse® Polymer PTC Soldering
Recommendation guidelines.
How to Order
MF - MSMF 075/24 - 2
Multifuse® Product
Designator
Series
MSMF = 4532 mm (1812 mils)
Surface Mount Component
Hold Current, Ihold
010-260 (0.10 Amps - 2.60 Amps)
Higher Voltage Option
__ =
Standard Voltage
/16 = 16 Volt Rated
/24 =
24 Volt Rated
/60 =
60 Volt Rated
X =
Multifuse® freeXpansion Design
MF-MSMF Series
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION EXAMPLES:
MF-MSMF050 = 50
MF-MSMF075 = 75
MF-MSMF110 = 11
MF-MSMF150 = 15
YEAR CODE:
5 = 2005
BI-WEEKLY DATE CODE:
WEEKS 49-50 = Y
MF-MSMF SERIES, REV. AC, 12/10
PART IDENTIFICATION EXAMPLES:
MF-MSMF110/24X = 6
MF-MSMF150/24X = 8
MF-MSMF250/16X = C
BI-WEEKLY DATE CODE:
WEEKS 5-6 = C
8
C


Similar Part No. - MF-MSMF030

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF030 BOURNS-MF-MSMF030 Datasheet
260Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF030 BOURNS-MF-MSMF030 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF030 BOURNS-MF-MSMF030 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF030 BOURNS-MF-MSMF030 Datasheet
319Kb / 5P
   Compliant with AEC-Q200 Rev-C- Stress Test Qualifi cation for Passive Components in Automotive Applications
MF-MSMF030 BOURNS-MF-MSMF030 Datasheet
319Kb / 5P
   PTC Resettable Fuses
More results

Similar Description - MF-MSMF030

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF125-2 BOURNS-MF-MSMF125-2 Datasheet
396Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF020-2 BOURNS-MF-MSMF020-2 Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF010 BOURNS-MF-MSMF010 Datasheet
260Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
   MF-PSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com