Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-MSMF110 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-MSMF110
Description  MF-MSMF Series - PTC Resettable Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF110 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-MSMF110 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMF110 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMF110 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMF110 Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSMF110 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Compliant with AEC-Q200 Rev-C- Stress
Test Qualification for Passive Components
in Automotive Applications
100 % electrically compatible with all
previous generations of 1812 SMT devices
Compatible with Pb and Pb-free solder
reflow profiles
RoHS compliant* and halogen free**
Surface mount packaging for automated
assembly
Agency recognition:
Standard 4532 mm (1812 mils) footprint
Patents pending
MF-MSMF Series - PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
**Bourns is using the definition that appears to be the prevalent definition used as the industry standard at this time. The Bourns definition of “halogen-free” is:
Bromine (Br) content:
≤ 900 ppm; Chlorine (Cl) content: ≤ 900 ppm; Total Br + Cl content: ≤1500 ppm.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Environmental Characteristics
Operating Temperature......................................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State .................................................... 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours............................................... ±5 % typical resistance change
Humidity Aging ..................................................... +85 °C, 85 % R.H. 1000 hours ............................. ±5 % typical resistance change
Thermal Shock ..................................................... +85 °C to -40 °C, 20 times ................................... ±10 % typical resistance change
Solvent Resistance............................................... MIL-STD-202, Method 215................................... No change
Vibration ............................................................... MIL-STD-883C, Method 2007.1, .......................... No change
Condition A
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
RMin.
R1Max.
Typ.
MF-MSMF010
60.0
40
0.10
0.30
0.70
15.00
0.5
1.50
0.8
MF-MSMF014
60.0
40
0.14
0.34
0.40
6.50
1.5
0.15
0.8
MF-MSMF020
30.0
80
0.20
0.40
0.40
6.00
6.0
0.06
0.8
MF-MSMF020/60
60.0
40
0.20
0.40
0.40
6.00
1.5
0.15
0.8
MF-MSMF030
30.0
10
0.30
0.60
0.30
3.00
8.0
0.10
0.8
MF-MSMF050
15.0
100
0.50
1.00
0.15
1.00
8.0
0.15
0.8
MF-MSMF075
13.2
100
0.75
1.50
0.11
0.45
8.0
0.20
0.8
MF-MSMF075/24
24.0
40
0.75
1.50
0.11
0.45
8.0
0.20
0.8
MF-MSMF110
6.0
100
1.10
2.20
0.04
0.21
8.0
0.30
0.8
MF-MSMF110/16
16.0
100
1.10
2.20
0.04
0.21
8.0
0.30
0.8
MF-MSMF110/24X
24.0
20
1.10
2.20
0.06
0.18
8.0
0.50
0.8
MF-MSMF125
6.0
100
1.25
2.50
0.035
0.14
8.0
0.40
0.8
MF-MSMF150
6.0
100
1.50
3.00
0.03
0.120
8.0
0.5
0.8
MF-MSMF150/24X
24.0
20
1.50
3.00
0.03
0.120
8.0
1.50
1.0
MF-MSMF160
8.0
100
1.60
2.80
0.035
0.099
8.0
2.0
0.8
MF-MSMF200
8.0
40
2.00
4.00
0.020
0.080
8.0
3.0
0.8
MF-MSMF250/16X
16.0
100
2.50
5.00
0.015
0.100
8.0
5.0
1.2
MF-MSMF260
6.0
100
2.60
5.20
0.015
0.080
8.0
5.0
0.8
Test Procedures And Requirements For Model MF-MSMF Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................... Verify dimensions and materials ........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C.................................................. Rmin
≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C ........................ T
≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning
Trip Endurance ..................................................... Vmax, 48 hours..................................................... No arcing or burning
Solderability.......................................................... ANSI/J-STD-002 ................................................... 95 % min. coverage
UL File Number .................................................... E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
CSA File Number.................................................. CA110338
http://directories.csa-international.org/ Under “Certification Record” and “File Number”
enter 110338-0-000
TÜV Certificate Number ....................................... R 02057213
http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 2057213


Similar Part No. - MF-MSMF110

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF110 BOURNS-MF-MSMF110 Datasheet
260Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF110 BOURNS-MF-MSMF110 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF110 BOURNS-MF-MSMF110 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF110 BOURNS-MF-MSMF110 Datasheet
319Kb / 5P
   Compliant with AEC-Q200 Rev-C- Stress Test Qualifi cation for Passive Components in Automotive Applications
MF-MSMF110 BOURNS-MF-MSMF110 Datasheet
319Kb / 5P
   PTC Resettable Fuses
More results

Similar Description - MF-MSMF110

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF125-2 BOURNS-MF-MSMF125-2 Datasheet
396Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF020-2 BOURNS-MF-MSMF020-2 Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF010 BOURNS-MF-MSMF010 Datasheet
260Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
   MF-PSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com