Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BV301S18018 Datasheet(PDF) 6 Page - ZETTLER Electronics

Part # BV301S18018
Description  SEALED POWER TRANFORMERS BV SERIES EI30 0.6VA . 2.8VA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

BV301S18018 Datasheet(HTML) 6 Page - ZETTLER Electronics

  BV301S18018 Datasheet HTML 1Page - ZETTLER Electronics BV301S18018 Datasheet HTML 2Page - ZETTLER Electronics BV301S18018 Datasheet HTML 3Page - ZETTLER Electronics BV301S18018 Datasheet HTML 4Page - ZETTLER Electronics BV301S18018 Datasheet HTML 5Page - ZETTLER Electronics BV301S18018 Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
BV301D24024*
BV302D24024*
24±10%
24±15%
2×50
2×42
2.4
27.4 MAX
Part Number
Part Number
Secondary
Secondary
No-load
Rated
Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06027
BV302S06027
6±10%
450
10.5
2.7
29.8 MAX
BV301S09027
BV302S09027
9±10%
300
15.4
2.7
29.8 MAX
BV301S12027
BV302S12027
12±10%
225
21.1
2.7
29.8 MAX
BV301S15027
BV302S15027
15±10%
180
26.3
2.7
29.8 MAX
BV301S18027
BV302S18027
18±10%
150
30.9
2.7
29.8 MAX
BV301S24027
BV302S24027
24±10%
113
42.0
2.7
29.8 MAX
BV301D06027
BV302D06027
6±10%
6±15%
2×225
2X10.5
2.7
29.8 MAX
BV301D09027
BV302D09027
9±10%
9±15%
2×150
2X15.4
2.7
29.8 MAX
BV301D12027
BV302D12027
12±10%
12±15%
2×113
2X21.1
2.7
29.8 MAX
BV301D15027
BV302D15027
15±10%
15±15%
2×90
2X25
2.7
29.8 MAX
BV301D18027*
BV302D18027*
18±10%
18±15%
2×75
2X31.5
2.7
29.8 MAX
BV301D24027*
BV302D24027*
24±10%
24±15%
2×56
2X42.1
2.7
29.8 MAX
Part Number
Part Number
Secondary
Secondary
No-load
Rated
Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S12028
BV302S12028
12±10%
233
21.1
2.8
29.8 MAX
BV301S15028
BV302S15028
15±10%
187
26.3
2.8
29.8 MAX
BV301S18028
BV302S18028
18±10%
156
30.9
2.8
29.8 MAX
BV301S24028
BV302S24028
24±10%
117
42.1
2.8
29.8 MAX
BV301D06028
BV302D06028
6±10%
6±15%
2×467
2X10.5
2.8
29.8 MAX
BV301D09028
BV302D09028
9±10%
9±15%
2×311
2X15.4
2.8
29.8 MAX
BV301D12028
BV302D12028
12±10%
12±15%
2×233
2X21.1
2.8
29.8 MAX
BV301D15028
BV302D15028
15±10%
15±15%
2×187
2X25
2.8
29.8 MAX
BV301D18028*
BV302D18028*
18±10%
18±15%
2×156
2X31.5
2.8
29.8 MAX
BV301D24028*
BV302D24028*
24±10%
24±15%
2×117
2X42.1
2.8
29.8 MAX
ZETTLER
Magnetics, Inc.
75 COLUMBIA • ALISO VIEJO, CA 92656 • 949-360-5838 • FAX 949-360-5839
WEB SITE: HTTP://WWW.ZETTLERMAGNETICS.COM • E-MAIL: SALES@ZETTLERMAGNETICS.COM
Rev. 02/29/2008
EI30-18.0 SERIES 2.7 VA
EI30-18.0 SERIES 2.8 VA


Similar Part No. - BV301S18018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BV301S18006 ETC-BV301S18006 Datasheet
127Kb / 6P
   UL & VDE CERTIFICATION
More results

Similar Description - BV301S18018

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BV030-6061.0 PULSE-BV030-6061.0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 12.5 - 1.2VA
BV030-5693.0 PULSE-BV030-5693.0 Datasheet
71Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 10.5 - 1.0VA
logo
Vishay Siliconix
SFH614A VISHAY-SFH614A Datasheet
88Kb / 6P
   Optocoupler, Phototransistor Output, 300 V BV-CEO
Rev. 1.3, 19-Apr-04
logo
Pulse A Technitrol Comp...
BV030 PULSE-BV030 Datasheet
460Kb / 12P
   LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA
logo
Bel Fuse Inc.
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
2795R BEL-2795R Datasheet
57Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Murata Manufacturing Co...
935148522310-F1T MURATA1-935148522310-F1T Datasheet
597Kb / 7P
   Wire bonding vertical SiCap WASC522.310 (100pF/0101/BV>150V)
Rev. 2.0
logo
Bel Fuse Inc.
2771D BEL-2771D Datasheet
41Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
2795K BEL-2795K Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com