Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDM-100SCBR Datasheet(PDF) 11 Page - ITT Industries

Part # MDM-100SCBR
Description  The Micro Line - .050 Contact Spacing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-100SCBR Datasheet(HTML) 11 Page - ITT Industries

Back Button MDM-100SCBR Datasheet HTML 7Page - ITT Industries MDM-100SCBR Datasheet HTML 8Page - ITT Industries MDM-100SCBR Datasheet HTML 9Page - ITT Industries MDM-100SCBR Datasheet HTML 10Page - ITT Industries MDM-100SCBR Datasheet HTML 11Page - ITT Industries MDM-100SCBR Datasheet HTML 12Page - ITT Industries MDM-100SCBR Datasheet HTML 13Page - ITT Industries MDM-100SCBR Datasheet HTML 14Page - ITT Industries MDM-100SCBR Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ittcannon.com
241
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Micro-D Metal Shell - .050" Contact Spacing
MIL-C-83513
How to Order - MIL-C-83513 Part Number Nomenclature
SERIES
Connector, Electrical, Rectangular
Microminiature, Polarized Shell
Plug, Connector, Solderpot
Receptacle, Connector, Solderpot
Plug, Connector, Crimp Type
Receptacle, Connector, Crimp Type
Hardware Only
Metal Shell
Plastic
01
02
03
04
05
-
-
-
-
-
Plug, Connector, Solderpot
Receptacle, Connector, Solderpot
Plug, Connector, Crimp Type
Receptacle, Connector, Crimp Type
06
07
08
09
-
-
-
-
long, #26 AWG per MIL-W-22759/11-26-9
long, #26 AWG per MIL-W-22759/11-26-9
long, #26 AWG per MIL-W-22759/11-26
Color Coded per MIL-STD-681, System 1
long, #26 AWG per MIL-W-22759/11-26-
Color Coded per MIL-STD-681, System 1
long. #25 AWG, type S per QQ-W-343,
Gold Plated
long, #25 AWG, type S per QQ-W-343,
Gold Plated
long, #25 AWG, type S per QQ-W-W-343,
Tin Plated
long, #25 AWG, type S per QQ-W-343,
Tin Plated
long, #26 AWG per MIL-W-22759/33-26-9
long, #26 AWG per MIL-W-22759/33-26-9
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1
long, #26 AWG per MIL-W-22759/11-26-9
long, #26 AWG per MIL-W-22759/11-26
Color Coded per MIL-STD-681, System 1
long, #26 AWG per MIL-W-22759/33-26-9
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1
18"
36"
18"
36"
.5"
1.0"
.5"
1.0"
18"
36"
18"
36"
72"
72"
72"
72"
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
9 Contact
15 Contact
21 Contact
25 Contact
31 Contact
37 Contact
51 Contact
100 Contact
METAL SHELL
No Number - For Solderpot
(Specify when ordering, if necessary.)
For every Mil-Spec P/N, ITT has one corresponding part numbers.
Example: ITT P/N's MDM01-A9
-
-
-
-
-
-
-
For space application, connector shell finish must be "N" and
wire must be per MIL-W-22759/33-26.
Any deviations to these P/N's will result in assignment of a special
P/N, consult factory.
No size 100 in plastic type connector.
Color coding in accordance with MIL-STD-681, System 1 except the
appropriate color code is the individual contact cavity number minus
1 for contact positions.
For mounting hardware to Military Specification (sizes 9 to 100) see
page 238.
No letter - for plastic type connector
C - Cadmium
N - Electroless Nickel
Tolerance on wire lengths-18", 36" and 72" long,
+1.00"/-0.00"
.5" and 1.00" + .200"/-.000"
PLASTIC
9 Contact
15 Contact
21 Contact
25 Contact
31 Contact
37 Contact
51 Contact
A
B
C
D
E
F
G
H
-
-
-
-
-
-
-
-
M83513/
01
* *
C
A
-
-
MIL-C-83513 SLASH SHEET
INSERT ARRANGEMENT
WIRE TYPE
SHELL FINISH
Qualification to slash sheets 10 thru 27 for the PCB connectors will be announced when completed.
NOTES:
}
}
1
7
5
5
6
6
3
3
3
6
3
7
6
5
4
2
3
1
3
6
6
3
3
6


Similar Part No. - MDM-100SCBR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-15PBSM17 ITT-MDM-15PBSM17 Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-15PBSM17- ITT-MDM-15PBSM17- Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-15PBSM17-A174 ITT-MDM-15PBSM17-A174 Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-15PBSM17-L58A141 ITT-MDM-15PBSM17-L58A141 Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-15PBSM17-L61 ITT-MDM-15PBSM17-L61 Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
More results

Similar Description - MDM-100SCBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com