Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBE-157 Datasheet(PDF) 2 Page - Altech corporation

Part # MBE-157
Description  PRINTED CIRCUIT BOARD TERMINAL BLOCKS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MBE-157 Datasheet(HTML) 2 Page - Altech corporation

  MBE-157 Datasheet HTML 1Page - Altech corporation MBE-157 Datasheet HTML 2Page - Altech corporation MBE-157 Datasheet HTML 3Page - Altech corporation MBE-157 Datasheet HTML 4Page - Altech corporation MBE-157 Datasheet HTML 5Page - Altech corporation MBE-157 Datasheet HTML 6Page - Altech corporation MBE-157 Datasheet HTML 7Page - Altech corporation MBE-157 Datasheet HTML 8Page - Altech corporation MBE-157 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
5
FIXED
Our printed circuit board terminal blocks designed for fixed
mounting offer high density, and maximum flexibility. Modular
construction simplifies ordering and reduces inventory. Two-and
3-pole modules can be interlocked to create multipole
assemblies. Altech can also supply ready-made assemblies
tailored to your specification. Fixed-mount blocks are available
with the economical tubular screw, box clamp or the screw-cage
clamp and offer several wire entry options to facilitate wiring
and increase accessibility.
PLUGGABLE
The two-piece, plug and header design of our “pluggable”
terminal blocks speed and simplify board replacement and
reduce costly downtime and misconnections. No special tools are
required. Headers are soldered into the board and accept the
plugs, which are easily removed for fast, convenient board or
device replacement. Choose single- mold designs for maximum
strength. Or choose modular designs which are assembled from
2 and 3 pole modules when you need maximum flexibility to
meet changing requirements. Both are available in a variety of
configurations. Headers are available in vertical, and
horizontal, single or double-level, with closed or open ends.
We offer pluggables with either screw-cage clamp termination for
heavy duty requirements or with tubular screw termination and
open headers for cost sensitive applications. We also offer a card
edge connector for a quick, reliable and inexpensive connection.
CONNECTION
Altech’s printed circuit board terminal blocks give you a choice
between tubular screw, box clamp and screw-cage clamp
designs:
• When your application calls for the highest reliability and
frequent wire terminations, the screw-cage clamp should be
your choice. As the clamp is tightened, the nickel-plated cage
rises, pressing the wire firmly against the busbar, ensuring
solid connections every time. Standard color is green.
• In the tubular screw and box clamp design, tightening the
screw presses the conductor directly against the bottom of the
clamp. These systems are ideal for cost sensitive, lighter duty
applications or applications with infrequent wire terminations.
Wire protectors are standard. Standard color is black for
tubular screw and green for box clamp.
PIN SPACING
Each clamp style is offered in metric and inch pin spacing. For
your convenience, this catalog is organized by pin spacing.
Fixed blocks are first, starting with the smallest pin spacing,
then pluggable shown in each available spacing.
MATERIALS
All of our printed circuit board terminal blocks feature precision
formed or machined metal parts which are electrolytically
plated. Nickel or tin-plated brass cage clamps or tubes, wire
protectors, and tin-plated solder pins satisfy the most
demanding requirements. Housings are precision-molded from
self-extinguishing polyamid 6.8 or glass-filled polyester
providing excellent strength and temperature resistance.
MARKING
Altech offers marking to identify terminal inputs. Order Hot
Stamp Imprinting for permanent marking of large quantities or
custom marked terminals. Standard marking is consecutive
numbers, left to right. This standard marking can be ordered by
adding the imprint sequence to the part number as a suffix
(i.e. MV-4612/1-12 would be a MV-4612 terminal block
imprinted 1 through 12, left to right).
Custom imprints are also available, consult Altech for ordering
information.


Similar Part No. - MBE-157

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBE/SMA0414VG06 VISHAY-MBE/SMA0414VG06 Datasheet
166Kb / 9P
   Leaded Metal Film Resistors with Established Reliability
logo
List of Unclassifed Man...
MBE0204-250.5C147K ETC2-MBE0204-250.5C147K Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
MBE0204-250.5CT47K ETC2-MBE0204-250.5CT47K Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
MBE0204-251C147K ETC2-MBE0204-251C147K Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
MBE0204-251CT47K ETC2-MBE0204-251CT47K Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBE-157

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW4 OMRON-XW4 Datasheet
3Mb / 12P
   Terminal block for printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com