Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BV301S24028 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # BV301S24028
Description  SEALED POWER TRANFORMERS BV SERIES EI30 0.6VA . 2.8VA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

BV301S24028 Datasheet(HTML) 2 Page - ZETTLER Electronics

  BV301S24028 Datasheet HTML 1Page - ZETTLER Electronics BV301S24028 Datasheet HTML 2Page - ZETTLER Electronics BV301S24028 Datasheet HTML 3Page - ZETTLER Electronics BV301S24028 Datasheet HTML 4Page - ZETTLER Electronics BV301S24028 Datasheet HTML 5Page - ZETTLER Electronics BV301S24028 Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Part Number
Part Number
Secondary
Secondary
No-load
Rated
Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06006
BV302S06006
6±15%
100
10.5
0.6
15.4 MAX
BV301S09006
BV302S09006
9±15%
66
15.5
0.6
15.4 MAX
BV301S12006
BV302S12006
12±15%
50
20.5
0.6
15.4 MAX
BV301S15006
BV302S15006
15±15%
40
25.4
0.6
15.4 MAX
BV301S18006
BV302S18006
18±15%
33
30.4
0.6
15.4 MAX
BV301S24006
BV302S24006
24±15%
25
40.4
0.6
15.4 MAX
BV301D06006
BV302D06006
6±15%
6±15%
2×50
2×10.5
0.6
15.4 MAX
BV301D09006
BV302D09006
9±15%
9±15%
2×33
2×15.5
0.6
15.4 MAX
BV301D12006
BV302D12006
12±15%
12±15%
2×25
2×20.5
0.6
15.4 MAX
BV301D15006
BV302D15006
15±15%
15±15%
2×20
2×25.0
0.6
15.4 MAX
BV301D18006
*
BV302D18006
*
18±15%
18±15%
2×17
2×30.4
0.6
15.4 MAX
BV301D24006
*
BV302D24006
*
24±15%
24±15%
2×12
2×40.4
0.6
15.4 MAX
Part Number
Part Number
Secondary
Secondary
No-load
Rated Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06010
BV302S06010
6±10%
166
9.94
1
22.3 MAX
BV301S09010
BV302S09010
9±10%
111
14.95
1
22.3 MAX
BV301S12010
BV302S12010
12±10%
83
19.9
1
22.3 MAX
BV301S15010
BV302S15010
15±10%
66
24.9
1
22.3 MAX
BV301S18010
BV302S18010
18±10%
55
29.9
1
22.3 MAX
BV301S24010
BV302S24010
24±10%
41
39.8
1
22.3 MAX
BV301D06010
BV302D06010
6±10%
6±15%
2×83
2×9.94
1
22.3 MAX
BV301D09010
BV302D09010
9±10%
9±15%
2×56
2×14.95
1
22.3 MAX
BV301D12010
BV302D12010
12±10%
12±15%
2×42
2×19.9
1
22.3 MAX
BV301D15010
BV302D15010
15±10%
15±15%
2×33
2×24.9
1
22.3 MAX
BV301D18010
*
BV302D18010
*
18±10%
18±15%
2×28
2×29.9
1
22.3 MAX
BV301D24010
*
BV302D24010
*
24±10%
24±15%
2×21
2×39.8
1
22.3 MAX
ELECTRICAL SPECIFICATIONS
EI30-5SERIES 0.6 VA
EI30-10.5 SERIES 1.0 VA


Similar Part No. - BV301S24028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BV301S24006 ETC-BV301S24006 Datasheet
127Kb / 6P
   UL & VDE CERTIFICATION
More results

Similar Description - BV301S24028

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BV030-6061.0 PULSE-BV030-6061.0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 12.5 - 1.2VA
BV030-5693.0 PULSE-BV030-5693.0 Datasheet
71Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 10.5 - 1.0VA
logo
Vishay Siliconix
SFH614A VISHAY-SFH614A Datasheet
88Kb / 6P
   Optocoupler, Phototransistor Output, 300 V BV-CEO
Rev. 1.3, 19-Apr-04
logo
Pulse A Technitrol Comp...
BV030 PULSE-BV030 Datasheet
460Kb / 12P
   LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA
logo
Bel Fuse Inc.
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
2795R BEL-2795R Datasheet
57Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Murata Manufacturing Co...
935148522310-F1T MURATA1-935148522310-F1T Datasheet
597Kb / 7P
   Wire bonding vertical SiCap WASC522.310 (100pF/0101/BV>150V)
Rev. 2.0
logo
Bel Fuse Inc.
2771D BEL-2771D Datasheet
41Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
2795K BEL-2795K Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com