Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5235B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5235B
Description  350mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5235B Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5235B Datasheet HTML 1Page - Diodes Incorporated MMBZ5235B Datasheet HTML 2Page - Diodes Incorporated MMBZ5235B Datasheet HTML 3Page - Diodes Incorporated MMBZ5235B Datasheet HTML 4Page - Diodes Incorporated MMBZ5235B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBZ5221B - MMBZ5259B
Document number: DS18011 Rev. 23 - 2
2 of 5
www.diodes.com
November 2012
© Diodes Incorporated
MMBZ5221B - MMBZ5259B
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 7)
PD
350
mW
Thermal Resistance, Junction to Ambient Air (Note 7)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
7. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Type
Code
Zener Voltage Range (Note 8)
Maximum Zener
Impedance
f = 1kHz
Maximum Reverse
Leakage Current (Note 8)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
= 0.25mA
IR
@ VR
Nom (V)
Min (V)
Max (V)
mA
Ω
µA
V
MMBZ5221B
C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5222B
C2
2.5
2.38
2.63
20
30
1200
100
1.0
MMBZ5223B
C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225B
C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226B
G1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227B
G2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228B
G3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229B
G4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230B
G5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231B
E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232B
E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233B
E3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMBZ5234B
E4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235B
E5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236B
F1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237B
F2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238B
F3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239B
F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240B
F5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241B
H1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242B
H2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243B
H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5244B
H4
14
13.30
14.70
9.0
15
600
0.1
10
MMBZ5245B
H5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246B
J1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248B
J3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250B
J5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251B
K1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252B
K2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254B
K4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255B
K5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256B
M1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257B
M2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258B
M3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259B
M4
39
37.05
40.95
3.2
80
800
0.1
30
Notes:
8. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - MMBZ5235B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5235B PANJIT-MMBZ5235B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5235B SKTECHNOLGY-MMBZ5235B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Galaxy Semi-Conductor H...
MMBZ5235B BILIN-MMBZ5235B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
SHENZHEN YONGERJIA INDU...
MMBZ5235B WINNERJOIN-MMBZ5235B Datasheet
137Kb / 2P
   SOT-23 Plastic-Encapsulate Diode
logo
Fairchild Semiconductor
MMBZ5235B FAIRCHILD-MMBZ5235B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5235B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com