Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3157 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS5A3157
Description  10-廓 SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157 Datasheet(HTML) 3 Page - Texas Instruments

  TS5A3157_14 Datasheet HTML 1Page - Texas Instruments TS5A3157_14 Datasheet HTML 2Page - Texas Instruments TS5A3157_14 Datasheet HTML 3Page - Texas Instruments TS5A3157_14 Datasheet HTML 4Page - Texas Instruments TS5A3157_14 Datasheet HTML 5Page - Texas Instruments TS5A3157_14 Datasheet HTML 6Page - Texas Instruments TS5A3157_14 Datasheet HTML 7Page - Texas Instruments TS5A3157_14 Datasheet HTML 8Page - Texas Instruments TS5A3157_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
Electrical Characteristics for 5-V Supply
(1)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNO, VNC
25
°C
5.5
10
ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
ron
4.5 V
resistance
ICOM = –30 mA,
See Figure 13
Full
12
ON-state
25
°C
0.15
0.2
VNO or VNC = 3.15 V,
Switch ON,
resistance match
Δron
4.5 V
ICOM = –30 mA,
See Figure 13
Full
0.3
between channels
ON-state
25
°C
4
5
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
4.5 V
ICOM = –30 mA,
See Figure 13
Full
6
flatness
VNO or VNC = 1 V,
25
°C
–0.1
0.05
0.1
NO, NC
VCOM = 4.5 V,
INO(OFF),
Switch OFF,
OFF leakage
or
5.5 V
μA
INC(OFF)
See Figure 14
Full
–0.2
0.1
0.2
current
VNO or VNC = 4.5 V,
VCOM = 1 V,
VNO = 1 V,
25
°C
–0.1
0.05
0.1
NO, NC
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
5.5 V
μA
INC(ON)
See Figure 15
Full
–0.2
0.1
0.2
current
VNO = 4.5 V,
VCOM = Open,
VCOM = 1 V,
25
°C
–0.1
0.05
0.1
COM
VNO or VNC = Open,
Switch ON,
ON leakage
ICOM(ON)
or
5.5 V
μA
See Figure 15
Full
–0.2
0.1
0.2
current
VCOM = 4.5 V,
VNO or VNC = Open,
Digital Control Input (IN)
V+ ×
Input logic high
VIH
Full
5.5
V
0.7
V+ ×
Input logic low
VIL
Full
0
V
0.3
25
°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
μA
current
Full
–1
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A3157


Similar Part No. - TS5A3157_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
More results

Similar Description - TS5A3157_14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com