Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3157 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3157
Description  10-廓 SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157 Datasheet(HTML) 1 Page - Texas Instruments

  TS5A3157 Datasheet HTML 1Page - Texas Instruments TS5A3157 Datasheet HTML 2Page - Texas Instruments TS5A3157 Datasheet HTML 3Page - Texas Instruments TS5A3157 Datasheet HTML 4Page - Texas Instruments TS5A3157 Datasheet HTML 5Page - Texas Instruments TS5A3157 Datasheet HTML 6Page - Texas Instruments TS5A3157 Datasheet HTML 7Page - Texas Instruments TS5A3157 Datasheet HTML 8Page - Texas Instruments TS5A3157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
6
5
4
NO
GND
NC
COM
V+
IN
TS5A3157
YZP PACKAGE
(BOTTOM VIEW)
NO
NC
IN
COM
GND
1
4
2
3
6
5
V+
DESCRIPTION/ORDERING INFORMATION
APPLICATIONS
SUMMARY OF CHARACTERISTICS
(1)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
www.ti.com
2
• Low ON-State Resistance (10 Ω)
• Control Inputs Are 5-V Tolerant
• Low Charge Injection
• Excellent ON-State Resistance Matching
• Low Total Harmonic Distortion (THD)
• 1.65-V to 5.5-V Single-Supply Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
The TS5A3157 is a single-pole double-throw (SPDT)
• Sample-and-Hold Circuits
analog switch that is designed to operate from 1.65 V
• Battery-Powered Equipment
to 5.5 V. This device can handle both digital and
• Audio and Video Signal Routing
analog signals, and signals up to V+ can be
• Communication Circuits
transmitted in either direction.
Single Pole
Configuration
Double Throw
(SPDT)
Number of channels
1
ON-state resistance (ron)
10
ON-state resistance match (
Δron)
0.15
ON-state resistance flatness (ron(flat))
4
Turn-on/turn-off time (tON/tOFF)
5.7 ns/3.8 ns
Break-before-make time (tBBM)
0.5 ns
Charge injection (QC)
7 pC
Bandwidth (BW)
300 MHz
OFF isolation (OISO)
–65 dB at 10 MHz
Crosstalk (XTALK)
–66 dB at 10 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (INO(OFF)/INC(OFF))
±0.1
μA
Power-supply current (I+)
10
μA
Package options
6-pin DSBGA, DBV, or DCK
(1)
V+ = 5 V and TA = 25°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A3157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A3157DBVR TI-TS5A3157DBVR Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A3157DBVR TI1-TS5A3157DBVR Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
TS5A3157DBVRE4 TI-TS5A3157DBVRE4 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A3157DBVRE4 TI1-TS5A3157DBVRE4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
More results

Similar Description - TS5A3157

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com