Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3157YZPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3157YZPR
Description  10-廓 SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157YZPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A3157YZPR Datasheet HTML 7Page - Texas Instruments TS5A3157YZPR Datasheet HTML 8Page - Texas Instruments TS5A3157YZPR Datasheet HTML 9Page - Texas Instruments TS5A3157YZPR Datasheet HTML 10Page - Texas Instruments TS5A3157YZPR Datasheet HTML 11Page - Texas Instruments TS5A3157YZPR Datasheet HTML 12Page - Texas Instruments TS5A3157YZPR Datasheet HTML 13Page - Texas Instruments TS5A3157YZPR Datasheet HTML 14Page - Texas Instruments TS5A3157YZPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
TYPICAL PERFORMANCE
0
2
4
6
8
10
12
14
16
0.0 0.3 0.6 0.9 1.2 1.5
1.8 2.1 2.4 2.7 3.0
VCOM (V)
255C
–405C
855C
0
20
40
60
80
100
120
140
0
1
2
3
4
5
V+ = 5 V
VCOM (V)
V+ = 3.3 V
V+ = 2.5 V
V+ = 1.8 V
0
2
4
6
8
10
0
1
2
3
4
5
VCOM (V)
855C
255C
–405C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA (°C)
−40
°C
25
°C
85
°C
ICOM(ON)
INO(ON)
INC(OFF)
INO(OFF)
INO(ON)
0
2
4
6
8
10
12
14
16
18
1.5
2.5
3.5
4.5
5.5
V+ (V)
tON
tOFF
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
Bias Voltage (V)
V+ = 5 V
V+ = 3 V
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3 V)
Figure 3. ron vs VCOM (V+ = 4.5 V)
Figure 4. Leakage Current vs Temperature (V+ = 5.5 V)
Figure 5. Charge Injection (QC) vs VCOM
Figure 6. tON and tOFF vs Supply Voltage
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS5A3157


Similar Part No. - TS5A3157YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3157YZPR TI-TS5A3157YZPR Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A3157YZPR TI-TS5A3157YZPR Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3157YZPR TI1-TS5A3157YZPR Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
More results

Similar Description - TS5A3157YZPR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com