Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQDC-330 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MQDC-330
Description  Self-contained AC-operated Convergent Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MQDC-330 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MQDC-330 Datasheet HTML 1Page - List of Unclassifed Manufacturers MQDC-330 Datasheet HTML 2Page - List of Unclassifed Manufacturers MQDC-330 Datasheet HTML 3Page - List of Unclassifed Manufacturers MQDC-330 Datasheet HTML 4Page - List of Unclassifed Manufacturers MQDC-330 Datasheet HTML 5Page - List of Unclassifed Manufacturers MQDC-330 Datasheet HTML 6Page - List of Unclassifed Manufacturers MQDC-330 Datasheet HTML 7Page - List of Unclassifed Manufacturers MQDC-330 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MINI-BEAM
® Sensors SM2A312CV and SM2A312CV2
page
4
MINI-BEAM Dimension Information
MINI-BEAM AC Sensor with Integral Cable
MINI-BEAM AC Sensor with Quick-Disconnect
MINI-BEAM AC Hookup Diagrams
AC Sensors with Attached Cable
AC Sensors with Quick Disconnect
(3-Pin Micro-Style)
bn
bu
Load
24-240V ac
rd/bk
gn
rd/wh
Load
24-240V ac
Quick Disconnect (QD) Option
AC MINI-BEAM sensors are sold with either a 2 m (6.5 ft)
or a 9 m (30 ft) attached PVC-covered cable, or with a 3-pin
micro-style QD cable fitting.
AC QD sensors are identified by the letters “QD” in their
model number suffix. For more information on mating QD
cables, see page 5.
3-Pin Micro-Style Pin-out
(Cable Connector Shown)
Green Wire
Red/Black
Wire
Red/White
Wire
12.2 mm (0.48 in)
Mounting Peg
(ø 6.3 mm x 2.5 mm)
ø 3 mm Clearance (2)
M18 x 1 x 15 mm Thread
(Mounting Nut Supplied)
3.2 mm
(0.13 in)
27.4 mm (1.08 in)
30.7 mm
(1.21 in)
24.1 mm
(0.95 in)
19.1 mm
(0.75 in)
66.0 mm
(2.60 in)
2 m (6.5 ft) Cable
1/2-20 UNF Thread
Quick Disconnect
20.0 mm
(0.79 in)


Similar Part No. - MQDC-330

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
MQDC-330 BANNER-MQDC-330 Datasheet
445Kb / 7P
   Clear Plastic Detection Sensors
MQDC-330 BANNER-MQDC-330 Datasheet
481Kb / 6P
   EZ-LIGHT짰 K50 Beacon
MQDC-330RA BANNER-MQDC-330RA Datasheet
445Kb / 7P
   Clear Plastic Detection Sensors
MQDC-330RA BANNER-MQDC-330RA Datasheet
481Kb / 6P
   EZ-LIGHT짰 K50 Beacon
More results

Similar Description - MQDC-330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com