Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP-200-36 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MSP-200-36
Description  200W Single Output Medical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MSP-200-36 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MSP-200-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MSP-200-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MSP-200-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MSP-200-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
MSP-200-3.3
MSP-200-5
MSP-200-7.5
MSP-200-12
MSP-200-15
MSP-200-24
MSP-200-36
MSP-200-48
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
RIPPLE & NOISE (max.) Note.2
OUTPUT
VOLTAGE ADJ. RANGE
VOLTAGE TOLERANCE Note.3
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
Note.7
OVER TEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note 4)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
REMOTE CONTROL
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
PROTECTION
AC CURRENT (Typ.)
3.3V
5V
7.5V
12V
15V
24V
36V
48V
40A
35A
26.7A
16.7A
13.4A
8.4A
5.7A
4.3A
0 ~ 40A
0 ~ 35A
0 ~ 26.7A
0 ~ 16.7A
0 ~ 13.4A
0 ~ 8.4A
0 ~ 5.7A
0 ~ 4.3A
132W
175W
200.3W
200.4W
201W
201.6W
205.2W
206.4W
80mVp-p
90mVp-p
100mVp-p
120mVp-p
150mVp-p
150mVp-p
250mVp-p
250mVp-p
2.8 ~ 3.8V
4.3 ~ 5.8V
6.8 ~ 9V
10.2 ~ 13.8V
13.5 ~ 18V
21.6 ~ 28.8V
28.8 ~ 39.6V
40.8 ~ 55.2V
±2.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.3%
±0.3%
±0.2%
±0.2%
±0.2%
±1.5%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
1000ms, 50ms/230VAC
2500ms, 50ms/115VAC at full load
16ms/230VAC
16ms/115VAC at full load
85 ~ 264VAC
120 ~ 370VDC
47 ~ 63Hz
PF>0.95/230VAC
PF>0.99/115VAC at full load
80%
84%
6 ~ 7V
9.4 ~ 10.9V
14.4 ~ 16.8V
18.8 ~ 21.8V
30 ~ 34.8V
41.4 ~ 48.6V
57.6 ~ 67.2V
86%
88%
88%
88%
89%
89%
2.2A/115VAC
1.1A/230VAC
35A/115VAC
70A/230VAC
105 ~ 135% rated output power
3.96 ~ 4.62V
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
Shut down o/p voltage, recovers automatically after temperature goes down
-40 ~ +70
(Refer to "Derating Curve")
RC+/RC- : 4 ~10V or open = power on ; 0 ~ 0.8V or short = power off
20 ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
±
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes
209.4K hrs min.
MIL-HDBK-217F (25
)
199*98*38mm (L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies.
(as available on http://www.meanwell.com)
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. No load power consumption<0.5W when RC+ & RC- (CN100 pin1,2) 0 ~ 8V or short.
7.
.
Touch current was measured from primary input to DC output
M S P - 2 0 0 series
200W Single Output Medical Type
Universal AC input / Full range
Built-in active PFC function, PF>0.95
High efficiency up to 89%
Withstand 300VAC surge input for 5 seconds
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Built-in constant current limiting circuit
1U low profile 38mm
Medical safety approved (MOOP level)
Built-in remote ON-OFF control
Standby 5V@0.3A
Built-in remote sense function
No load power consumption<0.5W (Note.6)
5 years warranty
Features :
File Name:MSP-200-SPEC 2014-02-12
5V STANDBY
5VSB : 5V@0.3A ; tolerance
5%, ripple : 50mVp-p(max.)
±
FUNCTION
0.77Kg; 18pcs/14.9Kg/0.9CUFT
EMC IMMUNITY
EMC EMISSION
ANSI/AAMI ES60601-1, IEC60601-1 approved
I/P-O/P:4KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
Compliance to EN55011 (CISPR11) Class B, EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11, EN60601-1-2
Earth leakage current < 300 A/264VAC , Touch leakage current < 100 A/264VAC
μ
μ


Similar Part No. - MSP-200-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MSP-200 MEANWELL-MSP-200 Datasheet
153Kb / 3P
   200W Single Output Medical Type
More results

Similar Description - MSP-200-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MSP-200 MEANWELL-MSP-200 Datasheet
153Kb / 3P
   200W Single Output Medical Type
logo
Astrodyne Corporation
MPS-200 ASTRODYNE-MPS-200 Datasheet
439Kb / 4P
   200W 1~4 Output for Medical Type
MPS200 ASTRODYNE-MPS200 Datasheet
484Kb / 7P
   200W 1~4 Output for Medical Type
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
logo
Mean Well Enterprises C...
MSP-450 MEANWELL-MSP-450 Datasheet
98Kb / 3P
   450W Single Output Medical Type
RPS-160 MEANWELL-RPS-160 Datasheet
412Kb / 2P
   160W Single Output Medical Type
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
   45W Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com