Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOS3LT631R683J Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MOS3LT631R683J
Description  reduced size metal oxide power type leaded resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MOS3LT631R683J Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MOS3LT631R683J Datasheet HTML 1Page - KOA Speer Electronics, Inc. MOS3LT631R683J Datasheet HTML 2Page - KOA Speer Electronics, Inc. MOS3LT631R683J Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information
on packaging, please
refer to Appendix C.
MOS
reduced size metal oxide power type
leaded resistor
features
Small size power type resistor
Coated with UL94V0 equivalent
flameproof material
Suitable for automatic machine insertion
Marking: Pink body color with color-coded bands
or alpha-numeric black marking
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
Surface mount style “N” forming is suitable for
automatic mounting
Axial: T26, T52, T521,
T631
Stand-off Axial: L52,
L521, L631
Radial: VTP, VTE, GT,
GT4
L, U, M, N Forming
ordering information
±2%, ±5%: 2 significant
figures + 1 multiplier
“R” indicates decimal
on value <10Ω
±1%: 3 significant
figures + 1 multiplier
“R” indicates decimal
on value <100Ω
1/2: 0.5W
1: 1W
2: 2W
3: 3W
5: 5W
C: SnCu
MOS
MOSX
F: ±1%
G: ±2%
J: ±5%
MOS
1/2
C
Termination
Material
Type
Power
Rating
Nominal
Resistance
Tolerance
Taping and Forming
New Part #
T52
103
A: Ammo
R: Reel
TEB: Plastic
embossed
(N forming)
Packaging
A
J
dimensions and construction
d
D
Marking
Flame Retardant Coating
End
Cap
Lead
Wire
L
l
C
Ceramic Body
L
.024
(0.6)
.031
(0.8)
1.18±.118
(30.0±3.0)
1.50±.118
(38.0±3.0)
.098±.02
(2.5±0.5)
.118±.02
(3.0±0.5)
.157±.02
(4.0±0.5)
.236±.039
(6.0±1.0)
.354±.039
(9.0±1.0)
.280
(7.1)
.437
(11.1)
.591
(15.0)
.709
(18.0)
1.10
(28.0)
.244±.02
(6.2±0.5)
.354±.039
(9.0±1.0)
.472±.039
(12.0±1.0)
.610±.039
(15.5±1.0)
.965±.039
(24.5±1.0)
MOS1/2
MOSX1/2
MOS1
MOSX1
MOS2
MOSX2
MOS3
MOSX3
MOS5
MOSX5
Type
C (max.)
D
d (nom.)
l*
Dimensions inches
(mm)
.945 Min.
(24.0 Min.)
EU
135
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
* Lead length changes depending on taping and forming type.


Similar Part No. - MOS3LT631R683J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MOS3CL26A103 KOA-MOS3CL26A103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS3CL26R103 KOA-MOS3CL26R103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS3CL521A103 KOA-MOS3CL521A103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS3CL521R103 KOA-MOS3CL521R103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS3CL52A103 KOA-MOS3CL52A103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
More results

Similar Description - MOS3LT631R683J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS12CT52A103J KOA-MOS12CT52A103J Datasheet
264Kb / 2P
   reduced size metal oxide power type leaded resistor
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
   metal oxide power type leaded resistor
logo
Vishay Siliconix
WK202070C1001FD500 VISHAY-WK202070C1001FD500 Datasheet
130Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 26-May-10
logo
NIC-Components Corp.
NVR NIC-NVR Datasheet
1Mb / 18P
   Leaded Metal Oxide Varistors
logo
Vishay Siliconix
WK VISHAY-WK_15 Datasheet
124Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 29-Oct-14
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
   Commercial Grade Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
List of Unclassifed Man...
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com