Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOS3LT631R181J Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MOS3LT631R181J
Description  reduced size metal oxide power type leaded resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MOS3LT631R181J Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MOS3LT631R181J Datasheet HTML 1Page - KOA Speer Electronics, Inc. MOS3LT631R181J Datasheet HTML 2Page - KOA Speer Electronics, Inc. MOS3LT631R181J Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
136
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
MOS
reduced size metal oxide power type
leaded resistor
Absolute
Maximum
Overload
Voltage
Absolute
Maximum
Working
Voltage
Part
Designation
Operating
Temperature
Range
Power
Rating
@ 70°C
applications and ratings
T.C.R.
(ppm/°C)
Max.
MOS1/2
MOS1
MOS2
MOS3
MOS5
MOSX1/2
MOSX1
MOSX2
MOSX3
MOSX5
10Ω - 47kΩ
10Ω - 47kΩ
10Ω - 47kΩ
10Ω - 68kΩ
10Ω - 68kΩ
1Ω - 9.1Ω
0.22Ω - 9.1Ω
0.1Ω - 9.1Ω
10Ω - 100kΩ
10Ω - 100kΩ
10Ω - 100kΩ
300V
350V
500V
1000V
700V
600V
-55°C
to
+200°C
E-24, E-96
(F±1%)
E-24
(G±2%)
E-24
(J±5%)
Resistance Range
E = P x R
E x 2.5
Minimum
Dielectric
Withstanding
Voltage
0.5W
400V
500V
±300
500V
700V
800V
700V
800V
400V
1.0W
2.0W
3.0W
0.5W
1.0W
2.0W
3.0W
5.0W
5.0W
Derating Curve
Surface Temperature Rise
environmental applications
100
80
60
40
20
-60
-40
0
40 6080 100
160
70
20
Ambient Temperature
(°C)
0
-55
120
235
-20
140
180 200 220 240
250
200
150
100
50
02550
75
% Rated Power
0
100
MOS5
MOSX5
125
MOS3
MOSX3
MOS2
MOSX2
MOS1
MOSX1
MOS1/2
MOSX1/2
Performance Characteristics
Parameter
Requirement ∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
Measuring points are at 10mm ±1mm from the end cap.
Room temperature +100°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±(2% +0.1Ω)
±1%
Resistance to Solder Heat
260°C ±5°C, 10 seconds ± 1 second
±1%
±0.5%
Rapid Change of Temperature
-55°C (30 minutes), +155°C (30 minutes), 5 cycles
±1%
±0.5%
Terminal Strength
Twist 360°C, 5 times
No lead-coming off
and loose terminals
Resistance to Solvent
Ultrasonic washing with isopropyl alcohol for 2 minutes.
Power: 0.3W/cm3, f: 28kHz, Temp: 35°C ±5°C
No abnormality in
appearance. Marking
shall be easily legible
Flame Retardant
Flame test: the test flame shall be applied and removed for each 15 seconds respectively
to repeat the cycle 5 times. Overload flame retardant: power (AC) corresponding to 2, 4,
8, 16 and 32 times the power rating shall be applied for each 1 minute until disconnection
occurs. However the applied voltage shall not exceed the value of 4 times of the
maximum operating voltage
No evidence of
flaming or
self-flaming
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±(5%+0.1Ω)
±2.5%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±(5%+0.1Ω)
±2.5%
For resistors operated at an ambient temperature of 70°C or above, a
power rating shall be derated in accordance with the above derating curve.


Similar Part No. - MOS3LT631R181J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MOS3CL26A103 KOA-MOS3CL26A103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS3CL26R103 KOA-MOS3CL26R103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS3CL521A103 KOA-MOS3CL521A103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS3CL521R103 KOA-MOS3CL521R103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS3CL52A103 KOA-MOS3CL52A103 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
More results

Similar Description - MOS3LT631R181J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS12CT52A103J KOA-MOS12CT52A103J Datasheet
264Kb / 2P
   reduced size metal oxide power type leaded resistor
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
   metal oxide power type leaded resistor
logo
Vishay Siliconix
WK202070C1001FD500 VISHAY-WK202070C1001FD500 Datasheet
130Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 26-May-10
logo
NIC-Components Corp.
NVR NIC-NVR Datasheet
1Mb / 18P
   Leaded Metal Oxide Varistors
logo
Vishay Siliconix
WK VISHAY-WK_15 Datasheet
124Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 29-Oct-14
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
   Commercial Grade Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
List of Unclassifed Man...
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com