Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72375MMENOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # SM72375MMENOPB
Description  SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM72375MMENOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button SM72375MMENOPB Datasheet HTML 5Page - Texas Instruments SM72375MMENOPB Datasheet HTML 6Page - Texas Instruments SM72375MMENOPB Datasheet HTML 7Page - Texas Instruments SM72375MMENOPB Datasheet HTML 8Page - Texas Instruments SM72375MMENOPB Datasheet HTML 9Page - Texas Instruments SM72375MMENOPB Datasheet HTML 10Page - Texas Instruments SM72375MMENOPB Datasheet HTML 11Page - Texas Instruments SM72375MMENOPB Datasheet HTML 12Page - Texas Instruments SM72375MMENOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SM72375
www.ti.com
SNIS155D – NOVEMBER 2010 – REVISED APRIL 2013
APPLICATION INFORMATION
1.0 INPUT COMMON-MODE VOLTAGE RANGE
At supply voltages of 2.7V, 5V and 15V, the SM72375 has an input common-mode voltage range (CMVR) which
exceeds both supplies. As in the case of operational amplifiers, CMVR is defined by the VOS shift of the
comparator over the common-mode range of the device. A common-mode rejection ratio (CMRR, defined as
ΔVOS/ΔVCM) of 75 dB (typical) implies a shift of < 1 mV over the entire common-mode range of the device. The
absolute maximum input voltage at V+ = 5V is 200 mV beyond either supply rail at room temperature.
Figure 23. An Input Signal Exceeds the SM72375 Power Supply Voltages with No Output Phase Inversion
A wide input voltage range means that the comparator can be used to sense signals close to ground and also to
the power supplies. This is an extremely useful feature in power supply monitoring circuits.
An input common-mode voltage range that exceeds the supplies, 20 fA input currents (typical), and a high input
impedance makes the SM72375 ideal for sensor applications. The SM72375 can directly interface to sensors
without the use of amplifiers or bias circuits. In circuits with sensors which produce outputs in the tens to
hundreds of millivolts, the SM72375 can compare the sensor signal with an appropriately small reference
voltage. This reference voltage can be close to ground or the positive supply rail.
2.0 LOW VOLTAGE OPERATION
Comparators are the common devices by which analog signals interface with digital circuits. The SM72375 is
designed to operate at supply voltages of 2.7V, without sacrificing performance, to meet the demands of 3V
digital systems.
At supply voltages of 2.7V, the common-mode voltage range extends 200 mV (ensured) below the negative
supply. This feature, in addition to the comparator being able to sense signals near the positive rail, is extremely
useful in low voltage applications.
Figure 24. Even at Low-Supply Voltage of 2.7V, an Input Signal which Exceeds the Supply Voltages
Produces No Phase Inversion at the Output
At V+ = 2.7V, propagation delays are tPLH = 4 μs and tPHL = 4 μs with overdrives of 100 mV. Please refer to the
Typical Performance Characteristics section for more extensive characterization.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SM72375


Similar Part No. - SM72375MMENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72375MME TI1-SM72375MME Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375MME/NOPB TI1-SM72375MME/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Similar Description - SM72375MMENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com