Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV7215 Datasheet(PDF) 8 Page - Texas Instruments

Part # LPV7215
Description  LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV7215_14 Datasheet HTML 4Page - Texas Instruments LPV7215_14 Datasheet HTML 5Page - Texas Instruments LPV7215_14 Datasheet HTML 6Page - Texas Instruments LPV7215_14 Datasheet HTML 7Page - Texas Instruments LPV7215_14 Datasheet HTML 8Page - Texas Instruments LPV7215_14 Datasheet HTML 9Page - Texas Instruments LPV7215_14 Datasheet HTML 10Page - Texas Instruments LPV7215_14 Datasheet HTML 11Page - Texas Instruments LPV7215_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1
2
3
4
5
6
6
7
8
9
10
11
12
13
SUPPLY VOLTAGE (V)
85°C
-40°C
25°C
VOD = 20 mV
VCM = V
+
/2
1
2
3
4
5
6
5
10
15
20
25
SUPPLY VOLTAGE (V)
85°C
-40°C
25°C
VOD = 20 mV
VCM = V
+
/2
0
1
2
3
4
5
6
SOURCE CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 1.8V
VCC = 2.7V
VCC = 5V
85°C
0
1
2
3
4
5
6
SOURCE CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
25°C
-40°C
0
1
2
3
4
5
6
SINK CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 1.8V
VCC = 5V
VCC = 2.7V
0
1
2
3
4
5
6
SINK CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
85°C
25°C
-40°C
LPV7215
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TJ = 25°C unless otherwise specified.
Output Voltage Low vs. Sink Current
Output Voltage Low vs. Sink Current
Figure 10.
Figure 11.
Output Voltage High vs. Source Current
Output Voltage High vs. Source Current
Figure 12.
Figure 13.
Propagation Delay vs. Supply Voltage
Propagation Delay vs. Supply Voltage
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LPV7215


Similar Part No. - LPV7215_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV7215MF NSC-LPV7215MF Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215MF INTERSIL-LPV7215MF Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
LPV7215MF/NOPB TI1-LPV7215MF/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
National Semiconductor ...
LPV7215MFX NSC-LPV7215MFX Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215MFX INTERSIL-LPV7215MFX Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
More results

Similar Description - LPV7215_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
   MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com