Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV7215MFNOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LPV7215MFNOPB
Description  LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215MFNOPB Datasheet(HTML) 2 Page - Texas Instruments

  LPV7215MFNOPB Datasheet HTML 1Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 2Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 3Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 4Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 5Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 6Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 7Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 8Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LPV7215
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
VIN Differential
±2.5V
Supply Voltage (V+ - V)
6V
Voltage at Input/Output pins
V+ +0.3V, V
−0.3V
Storage Temperature Range
−65°C to +150°C
Junction Temperature (4)
+150°C
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp. (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
OPERATING RATINGS
(1)
Temperature Range (2)
−40°C to 125°C
Supply Voltage (V+ – V)
1.8V to 5.5V
Package Thermal Resistance (
θJA
(2))
5-Pin SC70
456°C/W
5-Pin SOT-23
234°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
1.8V ELECTRICAL CHARACTERISTICS
(1)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 1.8V, V= 0V, and V
CM = V
+/2, V
O= V
. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
IS
Supply Current
VCM = 0.3V
580
750
1050
nA
VCM = 1.5V
790
980
1300
VOS
Input Offset Voltage
VCM = 0V
±0.3
±6
±8
mV
VCM = 1.8V
±0.4
±5
±7
TCVOS
Input Offset Average Drift
See (4)
±1
μV/C
IB
Input Bias Current (5)
VCM = 1.6V
−40
fA
IOS
Input Offset Current
10
fA
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LPV7215


Similar Part No. - LPV7215MFNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV7215MF NSC-LPV7215MF Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215MF INTERSIL-LPV7215MF Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
LPV7215MF/NOPB TI1-LPV7215MF/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
National Semiconductor ...
LPV7215MFX NSC-LPV7215MFX Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215MFX INTERSIL-LPV7215MFX Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
More results

Similar Description - LPV7215MFNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
   MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com