Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV7215MGXNOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LPV7215MGXNOPB
Description  LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215MGXNOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV7215MGXNOPB Datasheet HTML 3Page - Texas Instruments LPV7215MGXNOPB Datasheet HTML 4Page - Texas Instruments LPV7215MGXNOPB Datasheet HTML 5Page - Texas Instruments LPV7215MGXNOPB Datasheet HTML 6Page - Texas Instruments LPV7215MGXNOPB Datasheet HTML 7Page - Texas Instruments LPV7215MGXNOPB Datasheet HTML 8Page - Texas Instruments LPV7215MGXNOPB Datasheet HTML 9Page - Texas Instruments LPV7215MGXNOPB Datasheet HTML 10Page - Texas Instruments LPV7215MGXNOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1
2
3
4
5
6
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
1
2
3
4
5
6
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
900
0
0.5
1
1.5
2
2.5
3
450
500
550
600
650
700
750
800
850
COMMON MODE INPUT (V)
85°C
25°C
-40°C
V
+
= 2.7V
0
1
2
3
4
5
6
COMMON MODE INPUT VOLTAGE (V)
500
600
700
800
900
85°C
-40°C
V
+
= 5V
25°C
0
1
2
3
4
5
6
0
100
200
300
400
500
600
700
800
900
SUPPLY VOLTAGE (V)
25°C
-40°C
85°C
VCM = 0.8V
0
0.5
1
1.5
2
450
500
550
600
650
700
750
800
850
900
COMMON MODE INPUT (V)
85°C
25°C
-40°C
V
+
= 1.8V
LPV7215
www.ti.com
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
At TJ = 25°C unless otherwise specified.
Supply Current vs. Supply Voltage
Supply Current vs. Common Mode Input
Figure 4.
Figure 5.
Supply Current vs. Common Mode Input
Supply Current vs. Common Mode Input
Figure 6.
Figure 7.
Short Circuit Sinking Current vs. Supply Voltage
Short Circuit Sourcing Current vs. Supply Voltage
Figure 8.
Figure 9.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LPV7215


Similar Part No. - LPV7215MGXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV7215MGX NSC-LPV7215MGX Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215MGX INTERSIL-LPV7215MGX Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
LPV7215MGX/NOPB TI1-LPV7215MGX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
More results

Similar Description - LPV7215MGXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
   MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com