Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7221 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMC7221
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC7221_14 Datasheet HTML 4Page - Texas Instruments LMC7221_14 Datasheet HTML 5Page - Texas Instruments LMC7221_14 Datasheet HTML 6Page - Texas Instruments LMC7221_14 Datasheet HTML 7Page - Texas Instruments LMC7221_14 Datasheet HTML 8Page - Texas Instruments LMC7221_14 Datasheet HTML 9Page - Texas Instruments LMC7221_14 Datasheet HTML 10Page - Texas Instruments LMC7221_14 Datasheet HTML 11Page - Texas Instruments LMC7221_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LMC7221
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Driving LEDs (Light Emitting Diodes)
With a 5 volt power supply, the LMC7221's output sinking current can drive small, high efficiency LEDs for
indicator and test point circuits. The small size of the Tiny package makes it easy to find space to add this
feature to even compact designs.
Input range to Beyond Rail to Rail
The input common mode range of the LMC7221 is slightly larger than the actual power supply range. This wide
input range means that the comparator can be used to sense signals close to the power supply rails. This wide
input range can make design easier by eliminating voltage dividers, amplifiers, and other front end circuits
previously used to match signals to the limited input range of earlier comparators. This is useful to power supply
monitoring circuits which need to sense their own power supply, and compare it to a reference voltage which is
close to the power supply voltage. The wide input range can also be useful for sensing the voltage drop across a
current sense resistor for battery chargers.
Zero Crossing Detector
Since the LMC7221's common mode input range extends below ground even when powered by a single positive
supply, it can be used with large input resistors as a zero crossing detector.
Low Input Currents and High Input Impedance
These characteristics allow the LMC7221 to be used to sense high impedance signals from sensors. They also
make it possible to use the LMC7221 in timing circuits built with large value resistors. This can reduce the power
dissipation of timing circuits. For very long timing circuits, using high value resistors can reduce the size and cost
of large value capacitors for the same R-C time constant.
Direct Sensor Interfacing
The wide input voltage range and high impedance of the LMC7221 may make it possible to directly interface to a
sensor without the use of amplifiers or bias circuits. In circuits with sensors which can produce outputs in the
tens to hundreds of millivolts, the LMC7221 can compare the sensor signal with an appropriately small reference
voltage. This may be done close to ground or the positive supply rail. Direct sensor interfacing may eliminate the
need for an amplifier for the sensor signal. Eliminating the amplifier can save cost, space, and design time.
LOW VOLTAGE OPERATION
Comparators are the common devices by which analog signals interface with digital circuits. The LMC7221 has
been designed to operate at supply voltages of 2.7V without sacrificing performance to meet the demands of 3V
digital systems.
At supply voltages of 2.7V, the common-mode voltage range extends 200 mV (ensured) below the negative
supply. This feature, in addition to the comparator being able to sense signals near the positive rail, is extremely
useful in low voltage applications.
Figure 16. Even at Low-Supply Voltage of 2.7V, an Input Signal which Exceeds the Supply Voltages
Produces No Phase Inversion at the Output
At V+ = 2.7V propagation delays are tPLH = 4 μs and tPHL = 4 μs with overdrives of 100 mV.
Please refer to the performance curves for more extensive characterization.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7221


Similar Part No. - LMC7221_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7221AIM NSC-LMC7221AIM Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM NSC-LMC7221AIM Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7221AIM TI1-LMC7221AIM Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM/NOPB TI1-LMC7221AIM/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221AIM5 NSC-LMC7221AIM5 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results

Similar Description - LMC7221_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com