Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6762AIMX Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6762AIMX
Description  Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6762AIMX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC6762AIMX Datasheet HTML 6Page - Texas Instruments LMC6762AIMX Datasheet HTML 7Page - Texas Instruments LMC6762AIMX Datasheet HTML 8Page - Texas Instruments LMC6762AIMX Datasheet HTML 9Page - Texas Instruments LMC6762AIMX Datasheet HTML 10Page - Texas Instruments LMC6762AIMX Datasheet HTML 11Page - Texas Instruments LMC6762AIMX Datasheet HTML 12Page - Texas Instruments LMC6762AIMX Datasheet HTML 13Page - Texas Instruments LMC6762AIMX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LMC6762
SNOS739D – JULY 1997 – REVISED MARCH 2013
www.ti.com
Shoot-Through Current
The shoot-through current is defined as the current surge, above the quiescent supply current, between the
positive and negative supplies of a device. The current surge occurs when the output of the device switches
states. This transient switching current results in glitches in the supply voltage. Usually, glitches in the supply
lines are compensated by bypass capacitors. When the switching currents are minimal, the values of the bypass
capacitors can be reduced considerably.
Figure 27. LMC6762 Circuit for Measurement of the Shoot-Through Current
Figure 28. Measurement of the Shoot-Through Current
From Figure 27 and Figure 28 the shoot-through current for the LMC6762 can be approximated to be 0.2 mA
(200 mV/1 k
Ω). The duration of the transient is measured as 1 μs. The values needed for the local bypass
capacitors can be calculated as follows:
Area of
Δ = ½ (1 μs × 200 μA)
= 100 pC
If the local bypass capacitor has to provide this charge of 100 pC, the minimum value of the local capacitor to
prevent local degradation of VCC can be calculated. Suppose that the maximum voltage droop that the system
can tolerate is 100mV,
ΔQ
= C * (
ΔV)
→C
= (
ΔQ/ΔV)
= 100 pC/100 mV
= 0.001
μF
The low internal feedthrough current of the LMC6762 thus requires lower values for the local bypass capacitors.
In applications where precision is not critical, this is a significant advantage, as lower values of capacitors result
in savings of board space, and cost.
10
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC6762


Similar Part No. - LMC6762AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762AIMX NSC-LMC6762AIMX Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results

Similar Description - LMC6762AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com