Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6762AIMXNOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC6762AIMXNOPB
Description  Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6762AIMXNOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMC6762AIMXNOPB Datasheet HTML 1Page - Texas Instruments LMC6762AIMXNOPB Datasheet HTML 2Page - Texas Instruments LMC6762AIMXNOPB Datasheet HTML 3Page - Texas Instruments LMC6762AIMXNOPB Datasheet HTML 4Page - Texas Instruments LMC6762AIMXNOPB Datasheet HTML 5Page - Texas Instruments LMC6762AIMXNOPB Datasheet HTML 6Page - Texas Instruments LMC6762AIMXNOPB Datasheet HTML 7Page - Texas Instruments LMC6762AIMXNOPB Datasheet HTML 8Page - Texas Instruments LMC6762AIMXNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMC6762
www.ti.com
SNOS739D – JULY 1997 – REVISED MARCH 2013
LMC6762 Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
Check for Samples: LMC6762
1
FEATURES
DESCRIPTION
The LMC6762 is an ultra low power dual comparator
2
(Typical Unless Otherwise Noted)
with a maximum supply current of 10
μA/comparator.
Low Power Consumption (Max): IS = 10
It is designed to operate over a wide range of supply
μA/comp
voltages, from 2.7V to 15V. The LMC6762 has
Wide Range of Supply Voltages: 2.7V to 15V
ensured specifications at 2.7V to meet the demands
of 3V digital systems.
Rail-To-Rail Input Common Mode Voltage
Range
The LMC6762 has an input common-mode voltage
range which exceeds both supplies. This is a
Rail-To-Rail Output Swing (Within 100 mV of
significant advantage in low-voltage applications. The
the Supplies, @ V+ = 2.7V, and ILOAD = 2.5 mA)
LMC6762 also features a push-pull output that allows
Short Circuit Protection: 40 mA
direct connections to logic devices without a pull-up
Propagation Delay (@ V+ = 5V, 100 mV
resistor.
Overdrive): 4
μs
A quiescent power consumption of 50
μW/amplifier
(@
V+ =
5V)
makes
the
LMC6762
ideal
for
APPLICATIONS
applications
in
portable
phones
and
hand-held
electronics. The ultra-low supply current is also
Laptop Computers
independent
of
power
supply
voltage.
Ensured
Mobile Phones
operation at 2.7V and a rail-to-rail performance
Metering Systems
makes
this
device
ideal
for
battery-powered
Hand-Held Electronics
applications.
RC Timers
Refer to the LMC6772 datasheet for an open-drain
version of this device.
Alarm and Monitoring Circuits
Window Comparators, Multivibrators
Connection Diagram
Typical Application
8-Pin PDIP/SOIC
Top View
Zero Crossing Detector
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC6762AIMXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762AIMX NSC-LMC6762AIMX Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results

Similar Description - LMC6762AIMXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com