Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1204BDWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1204BDWR
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204BDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC1204BDWR Datasheet HTML 2Page - Texas Instruments AMC1204BDWR Datasheet HTML 3Page - Texas Instruments AMC1204BDWR Datasheet HTML 4Page - Texas Instruments AMC1204BDWR Datasheet HTML 5Page - Texas Instruments AMC1204BDWR Datasheet HTML 6Page - Texas Instruments AMC1204BDWR Datasheet HTML 7Page - Texas Instruments AMC1204BDWR Datasheet HTML 8Page - Texas Instruments AMC1204BDWR Datasheet HTML 9Page - Texas Instruments AMC1204BDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
AMC1204
AMC1204B
SBAS512D – APRIL 2011 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All minimum/maximum specifications at TA = –40°C to +105°C, AVDD = 4.5V to 5.5V, DVDD = 2.7V to 5.5V, VINP = –250mV
to +250mV, VINN = 0V, and sinc
3 filter with OSR = 256, unless otherwise noted. Typical values are at T
A = +25°C,
AVDD = 5V, and DVDD = 3.3V.
AMC1204, AMC1204B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS logic family
LVCMOS
VIH
High-level input voltage
DVDD = 2.7V to 3.6V
2
DVDD + 0.3
V
VIL
Low-level input voltage
DVDD = 2.7V to 3.6V
–0.3
0.8
V
DIGITAL OUTPUTS(3)
COUT
Output capacitance
5
pF
CLOAD
Load capacitance
30
pF
CMOS logic family
CMOS
VOH
High-level output voltage
DVDD = 4.5V, IOH = –100µA
4.4
V
VOL
Low-level output voltage
DVDD = 4.5V, IOL = +100µA
0.5
V
LVCMOS logic family
LVCMOS
IOH = 20µA
DVDD – 0.1
V
IOH = –4mA,
DVDD – 0.4
V
VOH
High-level output voltage
2.7V
≤ DVDD ≤ 3.6V
IOH = –4mA,
DVDD – 0.8
V
4.5V
≤ DVDD ≤ 5.5V
IOL = 20µA
0.1
V
VOL
Low-level output voltage
IOL = 4mA
0.4
V
POWER SUPPLY
AVDD
High-side supply voltage
4.5
5
5.5
V
DVDD
Controller-side supply voltage
2.7
3.3
5.5
V
IAVDD
High-side supply current
4.5V
≤ AVDD ≤ 5.5V
11
16
mA
2.7V
≤ DVDD ≤ 3.6V
2
4
mA
IDVDD
Controller-side supply current
4.5V
≤ DVDD ≤ 5.5V
2.8
5
mA
PD
Power dissipation
AVDD = 5.5V, DVDD = 3.6V
61.6
102.4
mW
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC1204 AMC1204B


Similar Part No. - AMC1204BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204BDWR TI1-AMC1204BDWR Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204BDWR TI1-AMC1204BDWR Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1204BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com