Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC556 Datasheet(PDF) 1 Page - General Semiconductor

Part # BC556
Description  Small Signal Transistors (PNP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC556 Datasheet(HTML) 1 Page - General Semiconductor

  BC556 Datasheet HTML 1Page - General Semiconductor BC556 Datasheet HTML 2Page - General Semiconductor BC556 Datasheet HTML 3Page - General Semiconductor BC556 Datasheet HTML 4Page - General Semiconductor BC556 Datasheet HTML 5Page - General Semiconductor BC556 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
MECHANICAL DATA
Case: TO-92 Plastic Package
Weight: approx. 0.18 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Small Signal Transistors (PNP)
B
E
C
.181 (4.6)
.142 (3.6)
Dimensions in inches and (millimeters)
TO-92
Ratings at 25 °C ambient temperature unless otherwise specified
.098 (2.5)
max.
∅ .022 (0.55)
4/98
BC556 THRU BC559
Symbol
Value
Unit
Collector-Base Voltage
BC556
BC557
BC558, BC559
–VCBO
–VCBO
–VCBO
80
50
30
V
V
V
Collector-Emitter Voltage
BC556
BC557
BC558, BC559
–VCES
–VCES
–VCES
80
50
30
V
V
V
Collector-Emitter Voltage
BC556
BC557
BC558, BC559
–VCEO
–VCEO
–VCEO
65
45
30
V
V
V
Emitter-Base Voltage
–VEBO
5V
Collector Current
–IC
100
mA
Peak Collector Current
–ICM
200
mA
Peak Base Current
–IBM
200
mA
Peak Emitter Current
IEM
200
mA
Power Dissipation at Tamb = 25 °C
Ptot
5001)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
PNP Silicon Epitaxial Planar Transistors for
switching and AF amplifier applications.
These transistors are subdivided into
three groups A, B and C according to
their current gain. The type BC556 is avail-
able in groups A and B, however, the types
BC557 and BC558 can be supplied in all three
groups. The BC559 is a low-noise type available
in all three groups. As complementary types, the
NPN transistors BC546 … BC549 are recommended.
On special request, these transistors are also manufac-
tured in the pin configuration TO-18.


Similar Part No. - BC556

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC556 MOTOROLA-BC556 Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
NXP Semiconductors
BC556 PHILIPS-BC556 Datasheet
80Kb / 12P
   PNP general purpose transistors
1997 Mar 27
logo
Micro Commercial Compon...
BC556 MCC-BC556 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
More results

Similar Description - BC556

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
   PNP Small Signal Transistors
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
   Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
   PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
   PNP Small Signal Transistors
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
   Small Signal Transistors (PNP)
09-May-02
logo
General Semiconductor
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
   Small Signal Transistors (PNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com