Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC556 Datasheet(PDF) 4 Page - General Semiconductor

Part # BC556
Description  Small Signal Transistors (PNP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC556 Datasheet(HTML) 4 Page - General Semiconductor

  BC556 Datasheet HTML 1Page - General Semiconductor BC556 Datasheet HTML 2Page - General Semiconductor BC556 Datasheet HTML 3Page - General Semiconductor BC556 Datasheet HTML 4Page - General Semiconductor BC556 Datasheet HTML 5Page - General Semiconductor BC556 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES BC556 THRU BC559


Similar Part No. - BC556

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC556 MOTOROLA-BC556 Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
NXP Semiconductors
BC556 PHILIPS-BC556 Datasheet
80Kb / 12P
   PNP general purpose transistors
1997 Mar 27
logo
Micro Commercial Compon...
BC556 MCC-BC556 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
More results

Similar Description - BC556

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
   PNP Small Signal Transistors
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
   Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
   PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
   PNP Small Signal Transistors
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
   Small Signal Transistors (PNP)
09-May-02
logo
General Semiconductor
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
   Small Signal Transistors (PNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com