Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8634SRGER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8634SRGER
Description  12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8634SRGER Datasheet(HTML) 5 Page - Texas Instruments

  ADS8634SRGER Datasheet HTML 1Page - Texas Instruments ADS8634SRGER Datasheet HTML 2Page - Texas Instruments ADS8634SRGER Datasheet HTML 3Page - Texas Instruments ADS8634SRGER Datasheet HTML 4Page - Texas Instruments ADS8634SRGER Datasheet HTML 5Page - Texas Instruments ADS8634SRGER Datasheet HTML 6Page - Texas Instruments ADS8634SRGER Datasheet HTML 7Page - Texas Instruments ADS8634SRGER Datasheet HTML 8Page - Texas Instruments ADS8634SRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
ADS8634
ADS8638
www.ti.com
SBAS541A
– MAY 2011 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS: ADS8634, ADS8638 (continued)
Minimum/maximum specifications at TA = –40°C to +125°C, fSAMPLE = 1MSPS, HVDD = 10V to 15V, HVSS = –10V to –15V,
AVDD = 4.75V to 5.25V, DVDD = 2.7V to 3.6V, and VREF = 2.5V, unless otherwise noted. Typical specifications at +25°C,
fSAMPLE = 1MHz, HVDD = 10V, HVSS = –10V, AVDD = 3.3V, DVDD = 3.3V, and VREF = 2.5V, unless otherwise noted.
ADS8634, ADS8638
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
VAVDD
2.7
3.3
5.25
V
VDVDD
1.65
3.3
5.25
V
Supply voltage
VHVDD
10V
< VHVDD – VHVSS < 30V
5
10
15
V
VHVSS
10V
< VHVDD – VHVSS < 30V
–15
–10
0
V
At VAVDD = 2.7V to 3.6V and 1MHz throughput, normal mode
2.5
mA
with internal reference and temperature sensor off
IAVDD(dynamic)
At VAVDD = 4.75V to 5.25V and 1MHz throughput, normal mode
3.1
3.6
mA
with internal reference and temperature sensor off
At VAVDD = 2.7V to 3.6V and SCLK off, normal mode with
1.45
mA
internal reference and temperature sensor off
AVDD supply
IAVDD(static)
current
At VAVDD = 4.75V to 5.25V and SCLK off, normal mode with
1.5
1.9
mA
internal reference and temperature sensor off
At VAVDD = 2.7V to 5.25V, additional AVDD current with internal
IAVDD(ref)
(8)
180
µA
reference on and temperature sensor off
At VAVDD = 2.7V to 5.25V, additional AVDD current with internal
IAVDD(temp)
(9)
400
µA
temperature sensor on and internal reference off
IHVDD(dynamic)
HVDD = 15V and 1MSPS throughput
270
350
µA
HVDD supply
current
IHVDD(static)
HVDD = 15V and device static with SCLK off
5
µA
IHVSS(dynamic)
HVSS =
–15 V and 1MSPS throughput
520
µA
HVSS supply
current
IHVSS(static)
HVSS =
–15V and device static with SCLK off
5
µA
DVDD supply
IDVDD
DVDD = 3.3V, fSAMPLE = 1MSPS, DOUT load = 20pF
2.5
mA
current(10)
SCLK off, internal reference and temperature sensor off
10
µA
AVDD current
SCLK on, internal reference and temperature sensor off
160
µA
Power-down state
HVDD current
5
µA
HVSS current
5
µA
TEMPERATURE RANGE
Specified performance
–40
+125
°C
(8)
Add IAVDD(ref) to IAVDD(dynamic) or IAVDD(static)(as applicable), if internal reference is selected.
(9)
Add IAVDD(temp) to IAVDD(dynamic) or IAVDD(static)(as applicable), if internal temperature sensor is enabled.
(10) IDVDD consumes only dynamic current. IDVDD = CLOAD × VDVDD × number of 0 → 1 transitions in DOUT × fSAMPLE. IDVDD is a
load-dependent current; there is no current when the output is not toggling.
THERMAL INFORMATION
ADS8634/8RGE
THERMAL METRIC(1)
RGE
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
32.6
θJCtop
Junction-to-case (top) thermal resistance
30.5
θJB
Junction-to-board thermal resistance
3.3
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
9.3
θJCbot
Junction-to-case (bottom) thermal resistance
2.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8634 ADS8638


Similar Part No. - ADS8634SRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8634SRGER TI1-ADS8634SRGER Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8634SRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
Kingbright Corporation
HFT012 KINGBRIGHT-HFT012 Datasheet
684Kb / 13P
   12-bit SAR type Analog-to-Digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com