Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8634SRGET Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8634SRGET
Description  12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8634SRGET Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8634SRGET Datasheet HTML 5Page - Texas Instruments ADS8634SRGET Datasheet HTML 6Page - Texas Instruments ADS8634SRGET Datasheet HTML 7Page - Texas Instruments ADS8634SRGET Datasheet HTML 8Page - Texas Instruments ADS8634SRGET Datasheet HTML 9Page - Texas Instruments ADS8634SRGET Datasheet HTML 10Page - Texas Instruments ADS8634SRGET Datasheet HTML 11Page - Texas Instruments ADS8634SRGET Datasheet HTML 12Page - Texas Instruments ADS8634SRGET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
AVDD
AGND
AGND
NC
AINGND
AIN7
DIN
SCLK
CS
HVSS
HVDD
AIN0
1
2
3
4
5
6
18
17
16
15
14
13
ThermalPad
(BottomSide)
ADS8634
ADS8638
www.ti.com
SBAS541A
– MAY 2011 – REVISED AUGUST 2011
RGE PACKAGE
4mm
× 4mm QFN-24
(TOP VIEW)
Figure 2. ADS8638 Pin Configuration
ADS8638 PIN ASSIGNMENTS
PIN NUMBER
NAME
FUNCTION
DESCRIPTION
1
AVDD
Analog power supply
Analog power supply
2, 3
AGND
Analog power supply
Analog ground
This pin is not internally connected; do not float this pin.
4
NC
It is recommended to connect this pin to AGND.
5
AINGND
Input
Common for all analog input channels; acts as ground sense terminal
6
AIN7
Analog input
Analog input channel 7
7
AIN6
Analog input
Analog input channel 6
8
AIN5
Analog input
Analog input channel 5
9
AIN4
Analog input
Analog input channel 4
10
AIN3
Analog input
Analog input channel 3
11
AIN2
Analog input
Analog input channel 2
12
AIN1
Analog input
Analog input channel 1
13
AIN0
Analog input
Analog input channel 0
14
HVDD
High-voltage power supply
High-voltage positive supply for multiplexer channels
15
HVSS
High-voltage power supply
High-voltage negative supply for multiplexer channels
16
CS
Digital input
Chip select input
17
SCLK
Digital input
Serial clock input
18
DIN
Digital input
Serial data input
19
DOUT
Digital output
Serial data output
20
DGND
Digital power supply
Digital ground
21
DVDD
Digital power supply
Digital I/O supply
Digital output
Active high, output indicating alarm (programmed as an output pin)
22
AL_PD
Active low, asynchronous power-down
Digital input
(programmed as an input pin, default condition)
Reference ground input to device when an external reference is selected.
23
REFGND
Analog input
This pin acts as reference decoupling ground terminal when an internal reference is
selected.
Reference input to device when an external reference is selected.
24
REF
Analog input
This pin acts as reference decoupling terminal when an internal reference is selected.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS8634 ADS8638


Similar Part No. - ADS8634SRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8634SRGET TI1-ADS8634SRGET Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8634SRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
Kingbright Corporation
HFT012 KINGBRIGHT-HFT012 Datasheet
684Kb / 13P
   12-bit SAR type Analog-to-Digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com