Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8555SPMR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8555SPMR
Description  16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8555SPMR Datasheet(HTML) 1 Page - Texas Instruments

  ADS8555SPMR Datasheet HTML 1Page - Texas Instruments ADS8555SPMR Datasheet HTML 2Page - Texas Instruments ADS8555SPMR Datasheet HTML 3Page - Texas Instruments ADS8555SPMR Datasheet HTML 4Page - Texas Instruments ADS8555SPMR Datasheet HTML 5Page - Texas Instruments ADS8555SPMR Datasheet HTML 6Page - Texas Instruments ADS8555SPMR Datasheet HTML 7Page - Texas Instruments ADS8555SPMR Datasheet HTML 8Page - Texas Instruments ADS8555SPMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SARADC
String
DAC
2.5V/3V
REF
BUSY/INT
RANGE/XCLK
HW/SW
REF
/WR
RESET
EN
STBY
CS
RD
/
DB[15:0]
WORD/BYTE
PAR/SER
FS
CH_A0
CONVST_A
AGND
REFC_A
REF_IO
AVDD
BVDD
BGND
AGND
HVDD
HVSS
Control
Logic
Config
Register
I/O
SARADC
CH_A1
AGND
SARADC
CH_B0
CONVST_B
AGND
REFC_B
SARADC
CH_B1
AGND
SARADC
CH_C0
CONVST_C
AGND
REFC_C
SARADC
CH_C1
AGND
Clock
Generator
ADS8555
www.ti.com
SBAS531B
– DECEMBER 2010 – REVISED FEBRUARY 2011
16-Bit, Six-Channel, Simultaneous Sampling
ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS8555
1
FEATURES
DESCRIPTION
2
Six SAR ADCs Grouped in Three Pairs
The
ADS8555
contains
six
low-power,
16-bit,
successive
approximation
register
(SAR)-based
Maximum Data Rate Per Channel with Internal
analog-to-digital converters (ADCs) with true bipolar
Clock and Reference:
inputs. Each channel contains a sample-and-hold
630kSPS (Parallel) or 450kSPS (Serial)
circuit
that
allows
simultaneous
high-speed
Maximum Data Rate Per Channel with External
multi-channel signal acquisition.
Clock and Reference:
The ADS8555 supports data rates of up to 630kSPS
800kSPS (Parallel) or 500kSPS (Serial)
in parallel interface mode or up to 450kSPS if the
Pin-Selectable or Programmable Input Voltage
serial interface is used. The bus width of the parallel
Ranges: Up to
±12V
interface can be set to eight or 16 bits. In serial
Excellent AC Performance:
mode, up to three output channels can be activated.
91.5dB SNR,
–94dB THD
The
ADS8555
is
specified
over
the
extended
Programmable and Buffered Internal
industrial temperature range of
–40°C to +125°C and
Reference: 0.5V to 2.5V and 0.5V to 3.0V
is available in an LQFP-64 package.
Comprehensive Power-Down Modes:
Deep Power-Down (Standby Mode)
Auto-Nap Power-Down
Selectable Parallel or Serial Interface
Operating Temperature Range:
–40°C to +125°C
LQFP-64 Package
APPLICATIONS
Power Quality Measurement
Protection Relays
Multi-Axis Motor Control
Programmable Logic Controllers
Industrial Data Acquisition
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8555SPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8555SPMR TI1-ADS8555SPMR Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555SPMR TI1-ADS8555SPMR Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8555SPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com