Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR217-5-476 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR217-5-476
Description  DR217-5 SERIES RADIAL LEADED INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR217-5-476 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR217-5-476 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR217-5-476 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
September 16, 2010
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Page 1 of 2
Part Number
Inductance
(µH) @1kHz
Q Min.
Q Test Freq.
SRF
(MHz)
TYP.
DCR
(Ohm)
Max.
Rated DC
Current (A) Max.
DR217-5-332
3.3 ± 20%
30
7.96MHz
65
0.012
5.0
DR217-5-392
3.9 ± 10%
30
7.96MHz
55
0.014
4.6
DR217-5-472
4.7 ± 10%
30
7.96MHz
45
0.016
4.3
DR217-5-562
5.6 ± 10%
30
7.96MHz
38
0.02
3.9
DR217-5-682
6.8 ± 10%
30
7.96MHz
27
0.022
3.7
DR217-5-822
8.2 ± 10%
30
7.96MHz
21
0.024
3.5
DR217-5-103
10 ± 10%
50
2.52MHz
17
0.025
3.2
DR217-5-123
12 ± 10%
50
2.52MHz
15
0.027
3.0
DR217-5-153
15 ± 10%
50
2.52MHz
13
0.033
2.8
DR217-5-183
18 ± 10%
50
2.52MHz
12
0.039
2.6
DR217-5-223
22 ± 10%
50
2.52MHz
11
0.047
2.4
DR217-5-273
27 ± 10%
50
2.52MHz
10
0.052
2.1
DR217-5-333
33 ± 10%
50
2.52MHz
8.5
0.075
1.9
DR217-5-393
39 ± 10%
40
2.52MHz
7.7
0.082
1.7
DR217-5-473
47 ± 10%
40
2.52MHz
6.7
0.1
1.5
DR217-5-563
56 ± 10%
40
2.52MHz
6.4
0.15
1.3
DR217-5-683
68 ± 10%
30
2.52MHz
5.8
0.18
1.2
DR217-5-823
82 ± 10%
30
2.52MHz
5.2
0.2
1.1
DR217-5-104
100 ± 10%
30
796kHz
4.4
0.2
0.9
DR217-5-124
120 ± 10%
30
796kHz
4.2
0.22
0.8
DR217-5-154
150 ± 10%
30
796kHz
3.7
0.24
0.72
DR217-5-184
180 ± 10%
30
796kHz
3.5
0.28
0.65
DR217-5-224
220 ± 10%
20
796kHz
3.3
0.35
0.60
DR217-5-274
270 ± 10%
20
796kHz
2.9
0.4
0.55
DR217-5-334
330 ± 10%
20
796kHz
2.6
0.47
0.50
DR217-5-394
390 ± 10%
20
796kHz
2.4
0.68
0.46
DR217-5-474
470 ± 10%
20
796kHz
2.2
0.8
0.42
DR217-5-564
560 ± 10%
20
796kHz
2.0
1
0.38
DR217-5-684
680 ± 10%
20
796kHz
1.8
1.2
0.35
DR217-5-824
820 ± 10%
20
796kHz
1.7
1.5
0.31
DR217-5-105
1000 ± 10%
40
252kHz
1.5
1.8
0.28
DR217-5-125
1200 ± 10%
40
252kHz
1.4
2
0.25
DR217-5-155
1500 ± 10%
40
252kHz
1.3
2.4
0.23
DR217-5 SERIES RADIAL LEADED INDUCTORS
Features
Designed for EMI Filters & Switching Power Supplies
Inductance Range from 3.3µH to 100mH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC


Similar Part No. - DR217-5-476

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-5-476 DATATRONICS-DR217-5-476 Datasheet
78Kb / 2P
   RADIAL LEADED INDUCTORS
More results

Similar Description - DR217-5-476

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-9 DATATRONICS-DR217-9_14 Datasheet
76Kb / 1P
   DR217-9 SERIES RADIAL LEADED INDUCTORS
DR217-4 DATATRONICS-DR217-4_14 Datasheet
71Kb / 1P
   DR217-4 SERIES RADIAL LEADED INDUCTORS
DR217-6 DATATRONICS-DR217-6_14 Datasheet
78Kb / 1P
   DR217-6 SERIES RADIAL LEADED INDUCTORS
DR217-7 DATATRONICS-DR217-7_14 Datasheet
76Kb / 1P
   DR217-7 SERIES RADIAL LEADED INDUCTORS
DR217-1 DATATRONICS-DR217-1_14 Datasheet
77Kb / 2P
   DR217-1 SERIES RADIAL LEADED INDUCTORS
DR217-2 DATATRONICS-DR217-2_14 Datasheet
74Kb / 2P
   DR217-2 SERIES RADIAL LEADED INDUCTORS
DR217-3 DATATRONICS-DR217-3_14 Datasheet
78Kb / 1P
   DR217-3 SERIES RADIAL LEADED INDUCTORS
DR217-8 DATATRONICS-DR217-8_14 Datasheet
86Kb / 2P
   DR217-8 SERIES RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com