Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7851RTE Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7851RTE
Description  ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7851RTE Datasheet(HTML) 1 Page - Texas Instruments

  ADS7851RTE Datasheet HTML 1Page - Texas Instruments ADS7851RTE Datasheet HTML 2Page - Texas Instruments ADS7851RTE Datasheet HTML 3Page - Texas Instruments ADS7851RTE Datasheet HTML 4Page - Texas Instruments ADS7851RTE Datasheet HTML 5Page - Texas Instruments ADS7851RTE Datasheet HTML 6Page - Texas Instruments ADS7851RTE Datasheet HTML 7Page - Texas Instruments ADS7851RTE Datasheet HTML 8Page - Texas Instruments ADS7851RTE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
+V
VCM
+V
+V
R
C
C
R
AINP
AINM
+V
VCM
+V
+V
R
C
C
R
AINP
AINM
Internal
Reference
ADS7851,
ADS7251
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS7251, ADS7851
SBAS587A – JANUARY 2014 – REVISED APRIL 2014
ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous-
Sampling, Analog-to-Digital Converters with Internal Reference
1 Features
3 Description
The ADS7251 and ADS7851 belong to a family of
1
12- and 14-Bit Pin-Compatible Family
pin-compatible,
dual,
high-speed,
simultaneous-
Simultaneous Sampling of Two Channels
sampling, analog-to-digital converters (ADCs) that
Supports Fully-Differential Analog Inputs
support fully-differential analog inputs and feature two
independent
internal
voltage
references.
The
Independent Internal Reference (per ADC)
ADS7251 offers 12-bit resolution and up to 2-MSPS
High Speed:
sampling
speed.
The
ADS7851
offers
14-bit
Up to 2 MSPS with the ADS7251 (12-Bit)
resolution and up to 1.5-MSPS sampling speed.
Up to 1.5 MSPS with the ADS7851 (14-Bit)
The devices support a wide digital supply voltage
Excellent Performance:
range, allowing easy communication with a variety of
digital host controllers using a simple, serial interface.
ADS7251:
Both devices are fully specified over the extended
SNR: 73 dB
industrial temperature range (–40°C to +125°C) and
INL: ±1 LSB
are available in a pin-compatible, space-saving,
WQFN-16 (3-mm × 3-mm) package.
ADS7851:
SNR: 83.5 dB
Device Information
INL: ±2 LSB
ORDER NUMBER
PACKAGE
BODY SIZE
Fully-Specified Over the Extended Industrial
ADS7251RTE
WQFN (16)
3 mm × 3 mm
Temperature Range: –40°C to +125°C
ADS7851RTE
WQFN (16)
3 mm × 3 mm
Small Footprint: WQFN-16 (3 mm × 3 mm)
Typical Application Diagram
2 Applications
Motor Control: Direct Interface to SinCos
Encoders
Optical Networking: EDFA Gain Control Loop
Protection Relays
Power Quality Measurement
Three-Phase Power Controls
Programmable Logic Controllers
Industrial Automation
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS7851RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS785 TI1-ADS785 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850 TI1-ADS7850 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850IRTER TI1-ADS7850IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850IRTET TI1-ADS7850IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7851RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com