Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7251IRTET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7251IRTET
Description  ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7251IRTET Datasheet(HTML) 5 Page - Texas Instruments

  ADS7251IRTET Datasheet HTML 1Page - Texas Instruments ADS7251IRTET Datasheet HTML 2Page - Texas Instruments ADS7251IRTET Datasheet HTML 3Page - Texas Instruments ADS7251IRTET Datasheet HTML 4Page - Texas Instruments ADS7251IRTET Datasheet HTML 5Page - Texas Instruments ADS7251IRTET Datasheet HTML 6Page - Texas Instruments ADS7251IRTET Datasheet HTML 7Page - Texas Instruments ADS7251IRTET Datasheet HTML 8Page - Texas Instruments ADS7251IRTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ADS7251, ADS7851
www.ti.com
SBAS587A – JANUARY 2014 – REVISED APRIL 2014
6.5 Electrical Characteristics: ADS7251
All minimum and maximum specifications are at TA = –40°C to +125°C, AVDD = 5 V, VREF_A = VREF_B = 2.5 V, and fDATA =
2 MSPS, unless otherwise noted. Typical values are at TA = +25°C, AVDD = 5 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
12
Bits
SAMPLING DYNAMICS
tCONV
Conversion time
tSU_CSCK + 12 tCLK
ns
tACQ
Acquisition time
75
ns
fDATA
Data rate
2
MSPS
fCLK
Clock frequency
32
MHz
DC ACCURACY
NMC
No missing codes
12
Bits
DNL
Differential nonlinearity
–0.99
±0.3
1
LSB
INL
Integral nonlinearity
–1
±0.5
1
LSB
VOS
Input offset error
–1
±0.2
1
mV
VOS match
ADC_A to ADC_B
–1
±0.2
1
mV
dVOS/dT
Input offset thermal drift
4
μV/°C
Referenced to the voltage at
GE
Gain error
–0.1%
±0.05%
0.1%
REFOUT_x
GERR match
ADC_A to ADC_B
–0.1%
±0.05%
0.1%
Referenced to the voltage at
GE/dT
Gain error thermal drift
1
ppm/°C
REFOUT_x
CMRR
Common-mode rejection ratio
Both ADCs, dc to 20 kHz
72
dB
AC ACCURACY
SINAD
Signal-to-noise + distortion
72.7
72.9
dB
SNR
Signal-to-noise ratio
72.8
73
dB
For 20-kHz input frequency,
at –0.5 dBFS
THD
Total harmonic distortion
–90
dB
SFDR
Spurious-free dynamic range
90
dB
Isolation between ADC_A and
fIN = 15 kHz, fNOISE = 25 kHz
–105
dB
ADC_B
SUPPLY CURRENT
Analog, during
Throughput = 2 MSPS,
IAVDD-DYNAMIC
11
12
mA
conversion
AVDD = 5 V
Supply
IAVDD-STATIC
current
Analog, static
5.5
mA
IDVDD
Digital, for code 800
0.15
mA
POWER DISSIPATION
Throughput = 2 MSPS,
PD-ACTIVE
During conversion
55
60
mW
Power
AVDD = 5 V
dissipation
PD-STATIC
Static mode
27.5
mW
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS7251 ADS7851


Similar Part No. - ADS7251IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7250 TI1-ADS7250 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTER TI1-ADS7250IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTET TI1-ADS7250IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7253 TI1-ADS7253 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS7253IPW TI1-ADS7253IPW Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results

Similar Description - ADS7251IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com