Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1018 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1018
Description  Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1018_14 Datasheet HTML 7Page - Texas Instruments ADS1018_14 Datasheet HTML 8Page - Texas Instruments ADS1018_14 Datasheet HTML 9Page - Texas Instruments ADS1018_14 Datasheet HTML 10Page - Texas Instruments ADS1018_14 Datasheet HTML 11Page - Texas Instruments ADS1018_14 Datasheet HTML 12Page - Texas Instruments ADS1018_14 Datasheet HTML 13Page - Texas Instruments ADS1018_14 Datasheet HTML 14Page - Texas Instruments ADS1018_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
t
SAMPLE
ON
OFF
S
1
S
2
OFF
ON
Equivalent
Circuit
f
= 250 kHz
CLK
Z
CM
Z
DIFF
Z
CM
AIN
N
AIN
P
0.7 V
0.7 V
S
1
S
1
C
A1
C
B
C
A2
S
2
S
2
0.7 V
0.7 V
AIN
N
AIN
P
ADS1018
www.ti.com
SBAS526B – NOVEMBER 2012 – REVISED OCTOBER 2013
ANALOG INPUTS
The ADS1018 uses a switched-capacitor input stage in which capacitors are continuously charged and then
discharged to measure the voltage between AINP and AINN. The capacitors used are small, and to external
circuitry, the average loading appears resistive. This structure is shown in Figure 11. The resistance is set by the
capacitor values and the rate at which they are switched. Figure 12 shows the on/off setting of the switches in
Figure 11. During the sampling phase, all S1 switches are closed. This event charges CA1 to AINP, CA2 to AINN,
and CB to (AINP – AINN). During the discharge phase, S1 is first opened and then S2 is closed. Both CA1 and CA2
then discharge to approximately 0.7 V, and CB discharges to 0 V. This charging draws a very small transient
current from the source driving the ADS1018 analog inputs. The average value of this current can be used to
calculate the effective impedance (Reff), where Reff = VIN / IAVERAGE.
Figure 11. Simplified Analog Input Circuit
Figure 12. S1 and S2 Switch Timing for Figure 11
The common-mode input impedance is measured by applying a common-mode signal to the shorted AINP and
AINN inputs and measuring the average current consumed by each pin. The common-mode input impedance
changes depending on the PGA gain setting, but is approximately 6 M
Ω for the default PGA gain setting. In
Figure 11, the common-mode input impedance is ZCM.
The differential input impedance is measured by applying a differential signal to AINP and AINN inputs where one
input is held at 0.7 V. The current that flows through the pin connected to 0.7 V is the differential current and
scales with the PGA gain setting. In Figure 11, the differential input impedance is ZDIFF. Table 1 describes the
typical differential input impedance.
Table 1. Differential Input Impedance
FS (V)
DIFFERENTIAL INPUT IMPEDANCE
±6.144(1)
22 M
Ω
±4.096(1)
15 M
Ω
±2.048
4.9 M
Ω
±1.024
2.4 M
Ω
±0.512
710 k
Ω
±0.256
710 k
Ω
(1)
This parameter expresses the full-scale range of the ADC scaling. In
no event should more than VDD + 0.3 V be applied to this device.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS1018


Similar Part No. - ADS1018_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1018 TI1-ADS1018_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog-to-Digital Converter Internal Reference and Temperature Sensor
More results

Similar Description - ADS1018_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com