Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1225IRGVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS1225IRGVTG4
Description  24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1225IRGVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1225IRGVTG4 Datasheet HTML 2Page - Texas Instruments ADS1225IRGVTG4 Datasheet HTML 3Page - Texas Instruments ADS1225IRGVTG4 Datasheet HTML 4Page - Texas Instruments ADS1225IRGVTG4 Datasheet HTML 5Page - Texas Instruments ADS1225IRGVTG4 Datasheet HTML 6Page - Texas Instruments ADS1225IRGVTG4 Datasheet HTML 7Page - Texas Instruments ADS1225IRGVTG4 Datasheet HTML 8Page - Texas Instruments ADS1225IRGVTG4 Datasheet HTML 9Page - Texas Instruments ADS1225IRGVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
START
SCLK
DRDY/DOUT
BUFEN
GND
AINN1
AINP1
AINN2
1
2
3
4
12
11
10
9
ADS1226
ADS1225
ADS1226
SBAS346C – MAY 2006 – REVISED JANUARY 2009 ....................................................................................................................................................... www.ti.com
RGV PACKAGE
QFN-16, 4.0mm × 4.0mm
(TOP VIEW)
PIN DESCRIPTIONS—ADS1226
TERMINAL
ANALOG/DIGITAL
NAME
NO.
INPUT/OUTPUT
DESCRIPTION
START
1
Digital Input
High: Start conversions; Low: Shutdown
SCLK
2
Digital Input
Serial clock input
Dual-purpose output:
DRDY/DOUT
3
Digital Output
Data ready: indicates valid data by going low.
Data output: outputs data, MSB first, on the rising edge of SCLK.
BUFEN
4
Digital Input
Enables buffer after MUX
MUX
5
Digital Input
Selects analog input from MUX
TEMPEN
6
Digital Input
Selects temperature sensor input from MUX
MODE
7
Digital Input
Selects between High-Speed and High-Resolution modes
AINP2
8
Analog Input
Analog channel 2 positive input
AINN2
9
Analog Input
Analog channel 2 negative input
AINP1
10
Analog Input
Analog channel 1 positive input
AINN1
11
Analog Input
Analog channel 1 negative input
GND
12
Ground
Analog and digital ground
VREFN
13
Analog Input
Negative reference input
VREFP
14
Analog Input
Positive reference input
AVDD
15
Analog
Analog power supply
DVDD
16
Digital
Digital power supply
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1225 ADS1226


Similar Part No. - ADS1225IRGVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1225IRGVTG4 TI1-ADS1225IRGVTG4 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
More results

Similar Description - ADS1225IRGVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1225 TI1-ADS1225_V01 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541 TI1-TLC1541_14 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com