Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1226IRGVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1226IRGVT
Description  24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1226IRGVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1226IRGVT Datasheet HTML 6Page - Texas Instruments ADS1226IRGVT Datasheet HTML 7Page - Texas Instruments ADS1226IRGVT Datasheet HTML 8Page - Texas Instruments ADS1226IRGVT Datasheet HTML 9Page - Texas Instruments ADS1226IRGVT Datasheet HTML 10Page - Texas Instruments ADS1226IRGVT Datasheet HTML 11Page - Texas Instruments ADS1226IRGVT Datasheet HTML 12Page - Texas Instruments ADS1226IRGVT Datasheet HTML 13Page - Texas Instruments ADS1226IRGVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
OVERVIEW
ANALOG INPUTS (AINx+, AINx–)
MUX
SerialInterface
Oscillator
DS
ADC
VREFP VREFN
Buffer
MUX
ADS1226Only
AINP1
AINN1
AINP
AINN
AINP2
AINN2
DRDY/DOUT
SCLK
TEMPEN
START
MODE
BUFEN
V
IN
S
S
V
REF
ADS1225
ADS1226
SBAS346C – MAY 2006 – REVISED JANUARY 2009 ....................................................................................................................................................... www.ti.com
The ADS1225 and ADS1226 are 24-bit delta-sigma
The input signal to be measured is applied to the
A/D converters. Figure 19 shows a conceptual
input pins AINPx and AINNx. The positive internal
diagram of the device. The ADS1225 has a single
input is generalized as AINP, and the negative
channel, while the ADS1226 allows for one of two
internal input is generalized as AINN. The signal is
input channels to be selected through a multiplexer. A
selected though the input MUX, which is controlled by
buffer can also be selected to increase the input
MUX, as shown in Table 1. The ADS1225 and
impedance. The modulator measures the differential
ADS1226 accept differential input signals, but can
input signal VIN = (AINP – AINN) against the
also measure unipolar signals. When measuring
differential reference VREF = (VREFP – VREFN). The
unipolar (or single-ended) signals with respect to
full-scale input range is ±VREF. A 2-wire serial
ground, connect the negative input (AINN) to ground
interface
indicates
conversion
completion
and
and connect the input signal to the positive input
provides the user with the output data. An internal
(AINP). Note that when the ADS1225 and ADS1226
oscillator allows for free-running of the ADS1225 and
are configured this way, only half of the converter
ADS1226.
full-scale range is used since only positive digital
output codes are produced. An input buffer can be
Two other pins are used to control the operation of
selected to increase the input impedance of the A/D
the ADS1225 and ADS1226. The START pin initiates
converter with the BUFEN pin.
conversions. The MODE pin puts the device into one
of two modes. In High-Speed mode, the device gives
Table 1. Input Channel Selection with MUX
data
at
100
samples
per
second
(SPS).
In
DIGITAL PIN
SELECTED ANALOG INPUTS
High-Resolution mode, data comes out at 16SPS with
lower
noise.
In
both
modes,
the
device
has
MUX
POSITIVE INPUT
NEGATIVE INPUT
single-cycle settling, reducing the latency of the
0
AINP1
AINN1
output data.
1
AINP2
AINN2
Figure 19. Conceptual Diagram of the ADS1225 and ADS1226
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1225 ADS1226


Similar Part No. - ADS1226IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1226IRGVT TI1-ADS1226IRGVT Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1226IRGVTG4 TI1-ADS1226IRGVTG4 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
More results

Similar Description - ADS1226IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1225 TI1-ADS1225_V01 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541 TI1-TLC1541_14 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com