Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1013IRUGR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1013IRUGR
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1013IRUGR Datasheet(HTML) 4 Page - Texas Instruments

  ADS1013IRUGR Datasheet HTML 1Page - Texas Instruments ADS1013IRUGR Datasheet HTML 2Page - Texas Instruments ADS1013IRUGR Datasheet HTML 3Page - Texas Instruments ADS1013IRUGR Datasheet HTML 4Page - Texas Instruments ADS1013IRUGR Datasheet HTML 5Page - Texas Instruments ADS1013IRUGR Datasheet HTML 6Page - Texas Instruments ADS1013IRUGR Datasheet HTML 7Page - Texas Instruments ADS1013IRUGR Datasheet HTML 8Page - Texas Instruments ADS1013IRUGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1
2
3
4
5
10
9
8
7
6
ADDR
ALERT/RDY (ADS1014/5Only)
GND
AIN0
AIN1
SCL
SDA
VDD
AIN3 (ADS1015Only)
AIN2 (ADS1015Only)
ADS1013
ADS1014
ADS1015
DGSPACKAGE
MSOP-10
(TOPVIEW)
5
10
1
2
3
4
ADDR
ALERT/RDY(ADS1014/5Only)
GND
AIN0
AIN1
SCL
9
8
7
6
SDA
VDD
AIN3 (ADS1015Only)
AIN2 (ADS1015Only)
ADS1013
ADS1014
ADS1015
RUGPACKAGE
QFN-10
(TOPVIEW)
ADS1013
ADS1014
ADS1015
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at –40°C to +125°C, VDD = 3.3V, and Full-Scale (FS) = ±2.048V, unless otherwise noted.
Typical values are at +25°C.
ADS1013, ADS1014, ADS1015
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
2
5.5
V
Power-down current at 25°C
0.5
2
μA
Power-down current up to 125°C
5
μA
Supply current
Operating current at 25°C
150
200
μA
Operating current up to 125°C
300
μA
VDD = 5.0V
0.9
mW
Power dissipation
VDD = 3.3V
0.5
mW
VDD = 2.0V
0.3
mW
TEMPERATURE
Storage temperature
–60
+150
°C
Specified temperature
–40
+125
°C
PIN CONFIGURATIONS
PIN DESCRIPTIONS
DEVICE
PIN #
ADS1013
ADS1014
ADS1015
FUNCTION
DESCRIPTION
1
ADDR
ADDR
ADDR
Digital input
I2C slave address select
2
NC(1)
ALERT/RDY
ALERT/RDY
Digital output
Digital comparator output or conversion ready (NC for ADS1013)
3
GND
GND
GND
Supply
Ground
4
AIN0
AIN0
AIN0
Analog input
Differential channel 1: Positive input or single-ended channel 1 input
5
AIN1
AIN1
AIN1
Analog input
Differential channel 1: Negative input or single-ended channel 2 input
6
NC
NC
AIN2
Analog input
Differential channel 2: Positive input or single-ended channel 3 input (NC for ADS1013/4)
Differential channel 2: Negative input or single-ended channel 4 input
7
NC
NC
AIN3
Analog input
(NC for ADS1013/4)
8
VDD
VDD
VDD
Supply
Power supply: 2.0V to 5.5V
9
SDA
SDA
SDA
Digital I/O
Serial data: Transmits and receives data
10
SCL
SCL
SCL
Digital input
Serial clock input: Clocks data on SDA
(1)
NC pins may be left floating or tied to ground.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1013 ADS1014 ADS1015


Similar Part No. - ADS1013IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1013IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com