Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ80A Datasheet(PDF) 3 Page - New Jersey Semi-Conductor Products, Inc.

Part # BUZ80A
Description  Drain source voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

BUZ80A Datasheet(HTML) 3 Page - New Jersey Semi-Conductor Products, Inc.

  BUZ80A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BUZ80A Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. BUZ80A Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - BUZ80A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
logo
ARTSCHIP ELECTRONICS CO...
BUZ80A ARTSCHIP-BUZ80A Datasheet
196Kb / 4P
   N-Channel Enhancement Mode Power MOS Transistor
logo
List of Unclassifed Man...
BUZ80A ETC2-BUZ80A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Inchange Semiconductor ...
BUZ80A ISC-BUZ80A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
BUZ80AFI ARTSCHIP-BUZ80AFI Datasheet
196Kb / 4P
   N-Channel Enhancement Mode Power MOS Transistor
More results

Similar Description - BUZ80A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
ZVN0106A NJSEMI-ZVN0106A Datasheet
85Kb / 1P
   Drain-source voltage
2N5265 NJSEMI-2N5265 Datasheet
157Kb / 1P
   DRAIN-SOURCE VOLTAGE
2N3970 NJSEMI-2N3970 Datasheet
164Kb / 1P
   DRAIN-SOURCE VOLTAGE
logo
Vincotech
V23990-P622-F74-D1-14 VINCOTECH-V23990-P622-F74-D1-14 Datasheet
600Kb / 11P
   Drain to source voltage
logo
Inchange Semiconductor ...
2SK627 ISC-2SK627 Datasheet
64Kb / 2P
   Drain Source Voltage-: VDSS= 50V(Min)
2SK610 ISC-2SK610 Datasheet
64Kb / 2P
   Drain Source Voltage-: VDSS= 400V(Min)
2SK617 ISC-2SK617 Datasheet
67Kb / 2P
   Drain Source Voltage-: VDSS= 800V(Min)
2SK629 ISC-2SK629 Datasheet
64Kb / 2P
   Drain Source Voltage-: VDSS= 100V(Min)
2SK667 ISC-2SK667 Datasheet
64Kb / 2P
   Drain Source Voltage-: VDSS= 400V(Min)
logo
Panasonic Semiconductor
MIP2E5DMY PANASONIC-MIP2E5DMY Datasheet
191Kb / 3P
   Control Source Drain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com